Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2153 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM2153
Description  Discovery kit for IoT node, multi-channel communicationwith STM32L4
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2153 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM2153 Datasheet HTML 24Page - STMicroelectronics UM2153 Datasheet HTML 25Page - STMicroelectronics UM2153 Datasheet HTML 26Page - STMicroelectronics UM2153 Datasheet HTML 27Page - STMicroelectronics UM2153 Datasheet HTML 28Page - STMicroelectronics UM2153 Datasheet HTML 29Page - STMicroelectronics UM2153 Datasheet HTML 30Page - STMicroelectronics UM2153 Datasheet HTML 31Page - STMicroelectronics UM2153 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 57 page
background image
Hardware layout and configuration
UM2153
28/57
DocID030118 Rev 3
STMicroelectronics recommended device settings are used and the operating
conditions, specified in the STM32L4 datasheets, are respected. The laser output
power must not be increased by any means and no optics should be used with the
intention of focusing the laser beam. Figure 16 shows the warning label for
Class 1 laser products.
•
Easy integration:
–
No additional optics
–
Single power supply
–I2C interface for device control and data transfer: I2C2 from STM32L475VGT6 is
used
–
Xshutdown (Reset) and interrupt GPIO
–
Programmable I2C address
Figure 16. Label for Class 1 laser products
7.13
STSAFE-A 100
The STSAFE-A100 is a highly secure solution that acts as a secure element, providing
authentication and data management services to a local or remote host. It consists of a full
turnkey solution with a secure operating system running on the latest generation of secure
microcontrollers. The STSAFE-A100 can be integrated in IoT (Internet of things) devices,
smart-home, smart-city and industrial applications, consumer electronics devices,
consumables and accessories. The STSAFE-A100 can be mounted on:
•
A device that authenticates to a remote host (IoT device case), the local host being
used as a pass-through to the remote server.
•
A peripheral that authenticates to a local host, for example games, mobile accessories
or consumables.
The STSAFE-A100 is not implemented on the MB1297 Rev C board.
7.14
Buttons and LEDs
The black button B1 located on top side is the reset of the microcontroller
STM32L475VGT6. Refer to the Figure 3: STM32L4 Discovery kit for IoT node (top view).
The blue button B1 located top side is available to be used as a digital input or as alternate
wake-up function.
When the button is depressed the logic state is “0”, otherwise the logic state is “1”.
Two green LEDs (LD1 and LD2), located on the top side are available for the user. To light a
LED a high logic state “1” should be written in the corresponding GPIO.
Table 2 gives the assignment of the control ports to the LED indicators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com