Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9BF412RPMC-G-JNE2 Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # MB9BF412RPMC-G-JNE2
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9BF412RPMC-G-JNE2 Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button MB9BF412RPMC-G-JNE2 Datasheet HTML 24Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 25Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 26Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 27Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 28Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 29Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 30Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 31Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 112 page
background image
Document Number: 002-05615 Rev. *D
Page
28 of 112
MB9B410R Series
Module
Pin name
Function
Pin No
LQFP-
100
FBGA-
112
LQFP-
120
QFP-
100
External
Bus
MADATA0_0
External bus interface data bus
(Address / data multiplex bus)
2
C1
2
80
MADATA1_0
3
C2
3
81
MADATA2_0
4
B3
4
82
MADATA3_0
5
D1
5
83
MADATA4_0
6
D2
6
84
MADATA5_0
7
D3
7
85
MADATA6_0
8
D5
8
86
MADATA7_0
9
E1
9
87
MADATA8_0
10
E2
10
88
MADATA9_0
11
E3
11
89
MADATA10_0
12
E4
12
90
MADATA11_0
13
F1
13
91
MADATA12_0
14
F2
14
92
MADATA13_0
15
F3
15
93
MADATA14_0
16
G1
16
94
MADATA15_0
17
G2
17
95
MDQM0_0
External bus interface byte mask signal
output pin
90
C6
105
68
MDQM1_0
91
A5
106
69
MALE_0
External bus interface Address Latch
enable output signal for multiplex
89
B6
104
67
MRDY_0
External bus interface external RDY input
signal
96
C4
116
74
MCLKOUT_0
External bus interface external clock output
pin
84
A7
99
62
MNALE_0
External bus interface
ALE signal to control
NAND Flash output pin
-
-
18
-
MNCLE_0
External bus interface
CLE signal to control
NAND Flash output pin
-
-
19
-
MNREX_0
External bus interface read enable signal to
control NAND Flash
-
-
21
-
MNWEX_0
External bus interface write enable signal to
control NAND Flash
-
-
20
-
MOEX_0
External bus interface read enable signal for
SRAM
94
C5
114
72
MWEX_0
External bus interface write enable signal
for SRAM
93
D6
113
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com