Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9BF412RPMC-G-JNE2 Datasheet(PDF) 25 Page - Cypress Semiconductor

Part # MB9BF412RPMC-G-JNE2
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9BF412RPMC-G-JNE2 Datasheet(HTML) 25 Page - Cypress Semiconductor

Back Button MB9BF412RPMC-G-JNE2 Datasheet HTML 21Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 22Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 23Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 24Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 25Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 26Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 27Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 28Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 29Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 112 page
background image
Document Number: 002-05615 Rev. *D
Page
25 of 112
MB9B410R Series
List of pin functions
The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated port number. For these
pins, there are multiple pins that provide the same function for the same channel. Use the extended port function register (EPFR)
to select the pin.
Module
Pin name
Function
Pin No
LQFP-
100
FBGA-
112
LQFP-
120
QFP-
100
ADC
ADTG_0
A/D converter external trigger input pin
84
A7
99
62
ADTG_1
7
D3
7
85
ADTG_2
18
F4
23
96
ADTG_3
94
C5
114
72
ADTG_4
-
-
81
-
ADTG_5
70
D11
80
48
ADTG_6
12
E4
17
90
ADTG_7
30
J5
35
8
ADTG_8
-
-
110
-
AN00
A/D converter analog input pin.
ANxx describes ADC ch.xx.
52
J11
62
30
AN01
53
J10
63
31
AN02
54
J8
64
32
AN03
55
H10
65
33
AN04
56
H9
66
34
AN05
57
H7
67
35
AN06
58
G10
68
36
AN07
59
G9
69
37
AN08
63
G8
73
41
AN09
64
F10
74
42
AN10
65
F9
75
43
AN11
66
E11
76
44
AN12
67
E10
77
45
AN13
68
F8
78
46
AN14
69
E9
79
47
AN15
70
D11
80
48
Base Timer
0
TIOA0_0
Base timer ch.0 TIOA pin
27
J4
32
5
TIOA0_1
19
G3
24
97
TIOA0_2
85
B7
100
63
TIOB0_0
Base timer ch.0 TIOB pin
40
J6
45
18
TIOB0_1
9
E1
14
87
TIOB0_2
86
C7
101
64
Base Timer
1
TIOA1_0
Base timer ch.1 TIOA pin
28
L5
33
6
TIOA1_1
20
H1
25
98
TIOA1_2
5
D1
5
83
TIOB1_0
Base timer ch.1 TIOB pin
41
L7
46
19
TIOB1_1
10
E2
15
88
TIOB1_2
6
D2
6
84
Base Timer
2
TIOA2_0
Base timer ch.2 TIOA pin
29
K5
34
7
TIOA2_1
21
H2
26
99
TIOA2_2
96
C4
116
74
TIOB2_0
Base timer ch.2 TIOB pin
42
K7
47
20
TIOB2_1
11
E3
16
89
TIOB2_2
95
B4
115
73
Base Timer
3
TIOA3_0
Base timer ch.3 TIOA pin
30
J5
35
8
TIOA3_1
22
G4
27
100
TIOA3_2
90
C6
105
68
TIOB3_0
Base timer ch.3 TIOB pin
43
H6
48
21
TIOB3_1
12
E4
17
90
TIOB3_2
91
A5
106
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com