Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9BF412RPMC-G-JNE2 Datasheet(PDF) 59 Page - Cypress Semiconductor

Part # MB9BF412RPMC-G-JNE2
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9BF412RPMC-G-JNE2 Datasheet(HTML) 59 Page - Cypress Semiconductor

Back Button MB9BF412RPMC-G-JNE2 Datasheet HTML 55Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 56Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 57Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 58Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 59Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 60Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 61Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 62Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 63Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 112 page
background image
Document Number: 002-05615 Rev. *D
Page
59 of 112
MB9B410R Series
Pin
status
type
Function
group
Power-on
reset or
low-voltage
detection
state
INITX
input state
Device
internal
reset state
Run mode
or sleep
mode
state
Timer mode or sleep mode state
Power
supply
unstable
Power supply stable
Power
supply
stable
Power supply stable
-
INITX=0
INITX=1
INITX=1
INITX=1
-
-
-
-
SPL=0
SPL=1
M
GPIO
selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous state
Hi-Z/ Internal input
fixed at "0"
Sub crystal
oscillator
input pin
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input enabled
Input enabled
N
GPIO
selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous state
Hi-Z/
Internal input fixed
at "0"
Sub crystal
oscillator
output pin
Hi-Z/
Internal
input fixed at
"0"/
or Input
enable
Hi-Z/
Internal
input fixed
at "0"
Hi-Z/
Internal
input fixed
at "0"
Maintain
previous
state
Maintain
previous state/
Hi-Z at oscillation
stop*2/
Internal input
fixed at "0"
Maintain previous
state/ Hi-Z at
oscillation stop*2/
Internal input fixed
at "0"
O
GPIO
selected
Hi-Z
Hi-Z/
Input
enabled
Hi-Z/
Input
enabled
Maintain
previous
state
Maintain
previous state
Hi-Z/ Internal input
fixed at "0"
P
Mode input
pin
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
GPIO
selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous
state
Hi-Z/
Input enabled
*1: Oscillation is stopped at Sub Timer mode, Low-speed CR Timer mode, and Stop mode.
*2: Oscillation is stopped at Stop mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com