Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9BF412RPMC-G-JNE2 Datasheet(PDF) 79 Page - Cypress Semiconductor

Part # MB9BF412RPMC-G-JNE2
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9BF412RPMC-G-JNE2 Datasheet(HTML) 79 Page - Cypress Semiconductor

Back Button MB9BF412RPMC-G-JNE2 Datasheet HTML 75Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 76Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 77Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 78Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 79Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 80Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 81Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 82Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 83Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 112 page
background image
Document Number: 002-05615 Rev. *D
Page
79 of 112
MB9B410R Series
External Ready Input Timing
(VCC = 2.7V to 5.5V, VSS = 0V, TA = - 40°C to + 85°C)
Parameter
Symbol
Pin name Conditions
Value
Unit
Remarks
Min
Max
MCLK ↑
MRDY input
setup time
tRDYI
MCLK
MRDY
VCC ≥ 4.5 V
19
-
ns
VCC < 4.5 V
37
When RDY is input
When RDY is released
·· ·
Over 2cycle
t
RDYI
·· · ·· ·
2 cycle
tRDYI
0.5×VCC
MCLK
Original
MOEX
MWEX
MRDY
MCLK
Extended
MOEX
MWEX
MRDY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com