Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9BF412RPMC-G-JNE2 Datasheet(PDF) 34 Page - Cypress Semiconductor

Part # MB9BF412RPMC-G-JNE2
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9BF412RPMC-G-JNE2 Datasheet(HTML) 34 Page - Cypress Semiconductor

Back Button MB9BF412RPMC-G-JNE2 Datasheet HTML 30Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 31Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 32Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 33Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 34Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 35Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 36Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 37Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 38Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 112 page
background image
Document Number: 002-05615 Rev. *D
Page
34 of 112
MB9B410R Series
Module
Pin name
Function
Pin No
LQFP-
100
FBGA-
112
LQFP-
120
QFP-
100
Multi-
function
Serial
5
SIN5_0
Multi-function serial interface ch.5 input pin
96
C4
116
74
SIN5_1
93
D6
113
93
SIN5_2
15
F3
20
93
SOT5_0
(SDA5_0)
Multi-function serial interface ch.5 output
pin.
This pin operates as SOT5 when it is used
in a UART/CSIO/LIN (operation modes 0 to
3) and as SDA5 when it is used in an I2C
(operation mode 4).
95
B4
115
73
SOT5_1
(SDA5_1)
-
-
112
-
SOT5_2
(SDA5_2)
16
G1
21
94
SCK5_0
(SCL5_0)
Multi-function serial interface ch.5 clock I/O
pin.
This pin operates as SCK5 when it is used
in a CSIO (operation modes 2) and as SCL5
when it is used in an I2C (operation mode
4).
94
C5
114
72
SCK5_1
(SCL5_1)
-
-
111
-
SCK5_2
(SCL5_2)
17
G2
22
95
Multi-
function
Serial
6
SIN6_0
Multi-function serial interface ch.6 input pin
5
D1
5
83
SIN6_1
12
E4
17
90
SOT6_0
(SDA6_0)
Multi-function serial interface ch.6 output
pin.
This pin operates as SOT6 when it is used
in a UART/CSIO/LIN (operation modes 0 to
3) and as SDA6 when it is used in an I2C
(operation mode 4).
6
D2
6
84
SOT6_1
(SDA6_1)
11
E3
16
89
SCK6_0
(SCL6_0)
Multi-function serial interface ch.6 clock I/O
pin.
This pin operates as SCK6 when it is used
in a CSIO (operation modes 2) and as SCL6
when it is used in an I2C (operation mode
4).
7
D3
7
85
SCK6_1
(SCL6_1)
10
E2
15
88
Multi-
function
Serial
7
SIN7_0
Multi-function serial interface ch.7 input pin
-
-
11
-
SIN7_1
45
K8
50
23
SOT7_0
(SDA7_0)
Multi-function serial interface ch.7 output
pin.
This pin operates as SOT7 when it is used
in a UART/CSIO/LIN (operation modes 0 to
3) and as SDA7 when it is used in an I2C
(operation mode 4).
-
-
12
-
SOT7_1
(SDA7_1)
44
J7
49
22
SCK7_0
(SCL7_0)
Multi-function serial interface ch.7 clock I/O
pin.
This pin operates as SCK7 when it is used
in a CSIO (operation modes 2) and as SCL7
when it is used in an I2C (operation mode
4).
-
-
13
-
SCK7_1
(SCL7_1)
43
H6
48
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com