Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9BF412RPMC-G-JNE2 Datasheet(PDF) 51 Page - Cypress Semiconductor

Part # MB9BF412RPMC-G-JNE2
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9BF412RPMC-G-JNE2 Datasheet(HTML) 51 Page - Cypress Semiconductor

Back Button MB9BF412RPMC-G-JNE2 Datasheet HTML 47Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 48Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 49Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 50Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 51Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 52Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 53Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 54Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 55Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 112 page
background image
Document Number: 002-05615 Rev. *D
Page
51 of 112
MB9B410R Series
8.
Block Diagram
9.
Memory Size
See "1 Product Lineup" of "Memory size" to confirm the memory size.
MainFlash I/F
Cortex-M3 Core
144MHz(Max)
Clock Reset
Generator
Dual-Timer
Watchdog Timer
(Hardware)
DMAC
8ch.
Multi-function Timer x 3
Multi-function Serial I/F
8ch.
(with FIFO ch.4-ch.7)
HW flow control(ch.4)
16-bit Free-run Timer
3ch.
16-bit Output
Compare
6ch.
16-bit Input Capture
4ch.
Waveform Generator
3ch.
A/D Activation
Compare
3ch.
16-bit PPG
3ch.
Watch Counter
GPIO
CSV
External Interrupt
Controller
16-pin + NMI
TPIU
ROM
Table
ETM
SRAM0
8/16/24/32Kbyte
SWJ-DP
SRAM1
8/16/24/32Kbyte
I
D
Sys
MB9BF412N/R, MB9BF414N/R, MB9BF415N/R, MB9BF416N/R
Base Timer
16-bit 8ch./
32-bit 4ch.
NVIC
Watchdog Timer
(Software)
Security
TRSTX,TCK,
TDI,TMS
TRACED[3:0],
TRACECLK
TIOA[7:0]
TIOB[7:0]
IC0[3:0]
DTTI[2:0]X
RTO0[5:0]
FRCK[2:0]
TDO
SCK[7:0]
SIN[7:0]
SOT[7:0]
INT[15:00]
NMIX
P0[F:0],
P1[F:0],
.
.
.
Px[x:0]
INITX
MODE-Ctrl
IRQ-Monitor
PIN-Function-Ctrl
MD[1:0]
QPRC
3ch.
AIN[2:0]
BIN[2:0]
ZIN[2:0]
LVD Ctrl
CRC
Accelerator
IC1[3:0]
RTS4
CTS4
External Bus I/F
MAD[24:00]
MADATA[15:00]
MCSX[7:0],
MALE,
MOEX,MWEX,
MNALE,
MNCLE,
MNWEX,
MNREX,
MDQM[1:0]
RTO1[5:0]
MPU
Trace Buffer
(16Kbyte)
IC2[3:0]
RTO2[5:0]
TX1,
RX1
CAN
TX0,
RX0
CAN
MainFlash
128Kbyte/
256Kbyte/
384Kbyte/
512Kbyte
LVD
Power On
Reset
Regulator
C
WorkFlash
32Kbyte
WorkFlash I/F
AHB-AHB
Bridge
CAN Prescaler
Real-Time Clock
RTCCO
SUBOUT
MRDY
Unit 0
12-bit A/D Converter × 3
Unit 1
Unit 2
AVCC,
AVSS, AVRH
AN[15:00]
ADTG[8:0]
X0
X1
X0A
PLL
CLK
CR
100kHz
Source Clock
CROUT
Main
Osc
Sub
Osc
CR
4MHz
X1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com