Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9BF412RPMC-G-JNE2 Datasheet(PDF) 69 Page - Cypress Semiconductor

Part # MB9BF412RPMC-G-JNE2
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9BF412RPMC-G-JNE2 Datasheet(HTML) 69 Page - Cypress Semiconductor

Back Button MB9BF412RPMC-G-JNE2 Datasheet HTML 65Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 66Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 67Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 68Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 69Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 70Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 71Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 72Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 73Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 112 page
background image
Document Number: 002-05615 Rev. *D
Page
69 of 112
MB9B410R Series
12.4.4
Operating Conditions of Main PLL (In the case of using main clock for input of PLL)
(VCC = 2.7V to 5.5V, VSS = 0V, TA = - 40°C to + 85°C)
Parameter
Symbol
Value
Unit
Remarks
Min
Typ
Max
PLL oscillation stabilization wait time*1
(LOCK UP time)
tLOCK
100
-
-
μs
PLL input clock frequency
fPLLI
4
-
16
MHz
PLL multiple rate
-
13
-
75
multiple
PLL macro oscillation clock frequency
fPLLO
200
-
300
MHz
Main PLL clock frequency*2
fCLKPLL
-
-
144
MHz
*1: Time from when the PLL starts operating until the oscillation stabilizes.
*2: For more information about Main PLL clock (CLKPLL), see CHAPTER 2-1: Clock in FM3 Family PERIPHERAL MANUAL.
12.4.5
Operating Conditions of Main PLL (In the case of using high-speed internal CR)
(VCC = 2.7V to 5.5V, VSS = 0V, TA = - 40°C to + 85°C)
Parameter
Symbol
Value
Unit
Remarks
Min
Typ
Max
PLL oscillation stabilization wait time*1
(LOCK UP time)
tLOCK
100
-
-
μs
PLL input clock frequency
fPLLI
3.8
4
4.2
MHz
PLL multiple rate
-
50
-
71
multiple
PLL macro oscillation clock frequency
fPLLO
190
-
300
MHz
Main PLL clock frequency*2
fCLKPLL
-
-
144
MHz
*1: Time from when the PLL starts operating until the oscillation stabilizes.
*2: For more information about Main PLL clock (CLKPLL), see CHAPTER 2-1: Clock in FM3 Family PERIPHERAL MANUAL.
When setting PLL multiple rate, please take the accuracy of the built-in high-speed CR clock into account and prevent the
master clock from exceeding the maximum frequency.
K
divider
PLL input
clock
Main
PLL
PLL macro
oscillation clock
M
divider
Main PLL
clock
(CLKPLL)
N
divider
Main PLL connection
High-speed CR clock (CLKHC)
Main clock (CLKMO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com