Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9BF412RPMC-G-JNE2 Datasheet(PDF) 52 Page - Cypress Semiconductor

Part # MB9BF412RPMC-G-JNE2
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9BF412RPMC-G-JNE2 Datasheet(HTML) 52 Page - Cypress Semiconductor

Back Button MB9BF412RPMC-G-JNE2 Datasheet HTML 48Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 49Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 50Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 51Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 52Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 53Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 54Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 55Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 56Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 112 page
background image
Document Number: 002-05615 Rev. *D
Page
52 of 112
MB9B410R Series
10.
Memory Map
Memory Map (1)
Peripherals Area
0x41FF_FFFF
Reserved
0x4006_4000
0x4006_3000
CAN ch.1
0x4006_2000
CAN ch.0
0x4006_1000
Reserved
0x4006_0000
DMAC
Reserved
0x4004_0000
0x4003_F000
EXT-bus I/F
0x4003_C000
Reserved
0x4003_B000
RTC
0x4003_A000
Watch Counter
0x4003_9000
CRC
0x4003_8000
MFS
0x4003_7000
CAN Prescaler
0x4003_6000
Reserved
0x4003_5000
LVD Ctrl
0x4003_4000
Reserved
0x4003_3000
GPIO
0x4003_2000
Reserved
0x4003_1000
Int-Req. Read
0x4003_0000
EXTI
0x4002_F000
Reserved
0x4002_E000
CR Trim
0x4002_8000
Reserved
0x4002_7000
A/DC
0x4002_6000
QPRC
0x4002_5000
Base Timer
0x4002_4000
PPG
0x4002_3000
Reserved
0x4002_2000
MFT unit2
0x4002_1000
MFT unit1
0x4002_0000
MFT unit0
0x4001_6000
Reserved
0x4001_5000
Dual Timer
0x4001_3000
Reserved
0x4001_2000
SW WDT
0x4001_1000
HW WDT
0x4001_0000
Clock/Reset
0x4000_1000
Reserved
0x4000_0000
MainFlash I/F
0xFFFF_FFFF
Reserved
0xE010_0000
0xE000_0000
Cortex-M3 Private
Peripherals
0x7000_0000
Reserved
0x6000_0000
External Device
Area
0x4400_0000
Reserved
0x4200_0000
32Mbyte
Bit band alias
0x4000_0000
Peripherals
0x2400_0000
Reserved
0x2200_0000
32Mbyte
Bit band alias
0x200E_1000
Reserved
See the next page
"Memory Map (2), (3)"
for the memory size
details.
0x200E_0000
WorkFlash I/F
0x200C_0000
WorkFlash
0x2008_0000
Reserved
0x2000_0000
SRAM1
0x1FFF_0000
SRAM0
0x0010_2000
Reserved
0x0010_0000
Security/CR Trim
0x0000_0000
MainFlash



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com