Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9BF412RPMC-G-JNE2 Datasheet(PDF) 38 Page - Cypress Semiconductor

Part # MB9BF412RPMC-G-JNE2
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9BF412RPMC-G-JNE2 Datasheet(HTML) 38 Page - Cypress Semiconductor

Back Button MB9BF412RPMC-G-JNE2 Datasheet HTML 34Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 35Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 36Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 37Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 38Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 39Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 40Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 41Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 42Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 112 page
background image
Document Number: 002-05615 Rev. *D
Page
38 of 112
MB9B410R Series
Module
Pin name
Function
Pin No
LQFP-
100
FBGA-
112
LQFP-
120
QFP-
100
Quadrature
Position/
Revolution
Counter
2
AIN2_0
QPRC ch.2 AIN input pin
-
-
10
-
AIN2_1
83
D9
98
61
BIN2_0
QPRC ch.2 BIN input pin
-
-
11
-
BIN2_1
84
A7
99
62
ZIN2_0
QPRC ch.2 ZIN input pin
-
-
12
-
ZIN2_1
85
B7
100
63
Real-time
clock
RTCCO_0
0.5 seconds pulse output pin of Real-time
clock
92
B5
107
70
RTCCO_1
55
H10
65
33
RTCCO_2
19
G3
24
97
SUBOUT_0
Sub clock output pin
92
B5
107
70
SUBOUT_1
55
H10
65
33
SUBOUT_2
19
G3
24
97
Reset
INITX
External Reset Input pin.
A reset is valid when INITX="L".
38
K4
43
16
Mode
MD0
Mode 0 pin.
During normal operation, MD0="L" must be
input. During serial programming to Flash
memory, MD0="H" must be input.
47
L8
57
25
MD1
Mode 1 pin.
During serial programming to Flash
memory, MD1="L" must be input.
46
K9
56
24
Power
VCC
Power supply Pin
1
B1
1
79
VCC
Power supply Pin
26
J1
31
4
VCC
Power supply Pin
35
K1
40
13
VCC
Power supply Pin
51
K11
61
29
VCC
Power supply Pin
76
A10
91
54
VCC
Power supply Pin
97
A4
117
75
GND
VSS
GND Pin
-
B2
-
VSS
GND Pin
25
L1
30
3
VSS
GND Pin
-
K2
-
VSS
GND Pin
-
J3
-
VSS
GND Pin
-
H4
-
VSS
GND Pin
34
L4
39
12
VSS
GND Pin
50
L11
60
28
VSS
GND Pin
-
K10
-
VSS
GND Pin
-
J9
-
VSS
GND Pin
-
H8
-
VSS
GND Pin
-
B10
-
VSS
GND Pin
-
C9
-
VSS
GND Pin
75
A11
90
53
VSS
GND Pin
-
D8
-
VSS
GND Pin
-
D4
-
VSS
GND Pin
-
C3
-
VSS
GND Pin
100
A1
120
78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com