Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9BF412RPMC-G-JNE2 Datasheet(PDF) 70 Page - Cypress Semiconductor

Part # MB9BF412RPMC-G-JNE2
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9BF412RPMC-G-JNE2 Datasheet(HTML) 70 Page - Cypress Semiconductor

Back Button MB9BF412RPMC-G-JNE2 Datasheet HTML 66Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 67Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 68Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 69Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 70Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 71Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 72Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 73Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 74Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 112 page
background image
Document Number: 002-05615 Rev. *D
Page
70 of 112
MB9B410R Series
12.4.6
Reset Input Characteristics
(VCC = 2.7V to 5.5V, VSS = 0V, TA = - 40°C to + 85°C)
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Min
Max
Reset input time
tINITX
INITX
-
500
-
ns
12.4.7
Power-on Reset Timing
(VSS = 0V, TA = - 40°C to + 85°C)
Parameter
Symbol
Pin name
Conditions
Value
Unit
Remarks
Min
Typ
Max
Power supply shut down time
t
OFF
VCC
-
50
-
-
ms
*1
Power ramp rate
dV/dt
Vcc: 0.2 V to 2.70 V
0.8
-
1000
mV/μs
*2
Time until releasing
Power-on reset
t
PRT
-
0.57
-
0.76
ms
*1: VCC must be held below 0.2 V for minimum period of t
OFF
. Improper initialization may occur if this condition is not met.
*2: This dV/dt characteristic is applied at the power-on of cold start (t
OFF
>50 ms).
Note:
If t
OFF
cannot be satisfied designs must assert external reset(INITX) at power-up and at any brownout event per “12. 4. 6.Reset
Input Characteristics”.
Glossary
VDH: detection voltage of Low Voltage detection reset. S
ee “12.6. Low-voltage Detection Characteristics”
VDH
tPRT
Internal RST
VCC
CPU Operation
start
RST Active
release
0.2V
0.2V
tOFF
dV/dt
0.2V
2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com