Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9BF412RPMC-G-JNE2 Datasheet(PDF) 68 Page - Cypress Semiconductor

Part # MB9BF412RPMC-G-JNE2
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9BF412RPMC-G-JNE2 Datasheet(HTML) 68 Page - Cypress Semiconductor

Back Button MB9BF412RPMC-G-JNE2 Datasheet HTML 64Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 65Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 66Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 67Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 68Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 69Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 70Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 71Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 72Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 112 page
background image
Document Number: 002-05615 Rev. *D
Page
68 of 112
MB9B410R Series
12.4.2
Sub Clock Input Characteristics
(VCC = 2.7V to 5.5V, VSS = 0V, TA = - 40°C to + 85°C)
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Min
Typ
Max
Input frequency
1/ tCYLL
X0A
X1A
-
-
32.768
-
kHz
When crystal oscillator is connected
-
32
-
100
kHz
When using external clock
Input clock cycle
tCYLL
-
10
-
31.25
μs
When using external clock
Input clock pulse
width
-
PWH/tCYLL
PWL/tCYLL
45
-
55
%
When using external clock
12.4.3
Internal CR Oscillation Characteristics
High-speed Internal CR
(VCC = 2.7V to 5.5V, VSS = 0V, TA = - 40°C to + 85°C)
Parameter
Symbol
Conditions
Value
Unit
Remarks
Min
Typ
Max
Clock frequency
fCRH
TA = + 25°C
3.96
4
4.04
MHz
When trimming*1
TA = 0°C to + 70°C
3.84
4
4.16
TA = - 40°C to + 85°C
3.8
4
4.2
TA = - 40°C to + 85°C
3
4
5
When not trimming
Frequency stability
time
tCRWT
-
-
-
90
μs
*2
*1: In the case of using the values in CR trimming area of Flash memory at shipment for frequency trimming.
*2: Frequency stable time is time to stable of the frequency of the High-speed CR clock after the trim value is set.
After setting the trim value, the period when the frequency stability time passes can use the High-speed CR clock
as a source clock.
Low-speed Internal CR
(VCC = 2.7V to 5.5V, VSS = 0V, TA = - 40°C to + 85°C)
Parameter
Symbol
Conditions
Value
Unit
Remarks
Min
Typ
Max
Clock frequency
fCRL
-
50
100
150
kHz
X0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com