Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9BF412RPMC-G-JNE2 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # MB9BF412RPMC-G-JNE2
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9BF412RPMC-G-JNE2 Datasheet(HTML) 3 Page - Cypress Semiconductor

  MB9BF412RPMC-G-JNE2 Datasheet HTML 1Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 2Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 3Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 4Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 5Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 6Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 7Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 8Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 112 page
background image
Document Number: 002-05615 Rev. *D
Page
3 of 112
MB9B410R Series
Quadrature Position/Revolution Counter (QPRC)
(Max three channels)
The Quadrature Position/Revolution Counter (QPRC) is used
to measure the position of the position encoder. Moreover, it
is possible to use up/down counter.
The detection edge of the three external event input pins AIN,
BIN and ZIN is configurable.
16-bit position counter
16-bit revolution counter
Two 16-bit compare registers
Dual Timer (32-/16-bit Down Counter)
The Dual Timer consists of two programmable 32-/16-bit
down counters.
Operation mode is selectable from the followings for each
channel.
Free-running
Periodic (=Reload)
One-shot
Watch Counter
The Watch counter is used for wake up from power
consumption mode.
Interval timer: up to 64 s (Max) @ Sub Clock: 32.768 kHz
External Interrupt Controller Unit
Up to 16 external interrupt input pin
Include one non-maskable interrupt (NMI)
Watchdog Timer (Two channels)
A watchdog timer can generate interrupts or a reset when a
time-out value is reached.
This series consists of two different watchdogs, a "Hardware"
watchdog and a "Software" watchdog.
"Hardware" watchdog timer is clocked by low-speed internal
CR oscillator. Therefore, "Hardware" watchdog is active in
any power consumption mode except Stop mode.
CRC (Cyclic Redundancy Check) Accelerator
The CRC accelerator helps a verify data transmission or
storage integrity.
CCITT CRC16 and IEEE-802.3 CRC32 are supported.
CCITT CRC16 Generator Polynomial: 0x1021
IEEE-802.3 CRC32 Generator Polynomial: 0x04C11DB7
Clock and Reset
Clocks
Five clock sources (2 external oscillators, 2 internal CR
oscillator, and Main PLL) that are dynamically selectable.
Main Clock:
4 MHz to 48 MHz
Sub Clock:
32.768 kHz
High-speed internal CR Clock:
4 MHz
Low-speed internal CR Clock:
100 kHz
Resets
Reset requests from INITX pin
Power on reset
Software reset
Watchdog timers reset
Low-voltage detector reset
Clock supervisor reset
Clock Super Visor (CSV)
Clocks generated by internal CR oscillators are used to
supervise abnormality of the external clocks.
External OSC clock failure (clock stop) is detected, reset is
asserted.
External OSC frequency anomaly is detected, interrupt or
reset is asserted.
Low-Voltage Detector (LVD)
This Series include 2-stage monitoring of voltage on the VCC
pins. When the voltage falls below the voltage has been set,
Low-Voltage Detector generates an interrupt or reset.
LVD1: error reporting via interrupt
LVD2: auto-reset operation
Low-Power Consumption Mode
Three power consumption modes supported.
Sleep
Timer
Stop
Debug
Serial Wire JTAG Debug Port (SWJ-DP)
Embedded Trace Macrocells (ETM) provide comprehensive
debug and trace facilities.
Power Supply
Wide range voltage:
VCC = 2.7 V to 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com