Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9BF412RPMC-G-JNE2 Datasheet(PDF) 88 Page - Cypress Semiconductor

Part # MB9BF412RPMC-G-JNE2
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9BF412RPMC-G-JNE2 Datasheet(HTML) 88 Page - Cypress Semiconductor

Back Button MB9BF412RPMC-G-JNE2 Datasheet HTML 84Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 85Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 86Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 87Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 88Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 89Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 90Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 91Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 92Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 112 page
background image
Document Number: 002-05615 Rev. *D
Page
88 of 112
MB9B410R Series
Master mode
Slave mode
UART external clock input (EXT = 1)
(VCC = 2.7V to 5.5V, VSS = 0V, TA = - 40°C to + 85°C)
Parameter
Symbol
Conditions
Min
Max
Unit
Remarks
Serial clock L pulse width
tSLSH
CL = 30 pF
tCYCP + 10
-
ns
Serial clock H pulse width
tSHSL
tCYCP + 10
-
ns
SCK fall time
tF
-
5
ns
SCK rise time
tR
-
5
ns
tSCYC
tSLOVI
VOL
VOH
VOH
VOH
VOL
VOH
VOL
VIH
VIL
VIH
VIL
tIVSHI
tSHIXI
tSOVHI
SCK
SOT
SIN
tSHSL
tR
tSLSH
tF
tSLOVE
VIL
VIL
VIL
VIH
VIH
VOH
VOL
VOH
VOL
VIH
VIL
VIH
VIL
tIVSHE
tSHIXE
SCK
SOT
SIN
tSHSL
VIL
VIL
VIL
VIH
VIH
tR
tF
tSLSH
SCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com