Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9BF412RPMC-G-JNE2 Datasheet(PDF) 92 Page - Cypress Semiconductor

Part # MB9BF412RPMC-G-JNE2
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9BF412RPMC-G-JNE2 Datasheet(HTML) 92 Page - Cypress Semiconductor

Back Button MB9BF412RPMC-G-JNE2 Datasheet HTML 88Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 89Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 90Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 91Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 92Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 93Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 94Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 95Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 96Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 112 page
background image
Document Number: 002-05615 Rev. *D
Page
92 of 112
MB9B410R Series
12.4.13
I2C Timing
(VCC = 2.7V to 5.5V, VSS = 0V, TA = - 40°C to + 85°C)
Parameter
Symbol
Conditions
Standard-mode
Fast-mode
Unit
Remarks
Min
Max
Min
Max
SCL clock frequency
FSCL
CL = 30 pF,
R = (Vp/IOL)*1
0
100
0
400
kHz
(Repeated) START condition
hold time
SDA ↓ → SCL ↓
tHDSTA
4.0
-
0.6
-
μs
SCLclock L width
tLOW
4.7
-
1.3
-
μs
SCLclock H width
tHIGH
4.0
-
0.6
-
μs
(Repeated) START setup time
SCL ↑ → SDA ↓
tSUSTA
4.7
-
0.6
-
μs
Data hold time
SCL ↓ → SDA ↓ ↑
tHDDAT
0
3.45*2
0
0.9*3
μs
Data setup time
SDA ↓ ↑ → SCL ↑
tSUDAT
250
-
100
-
ns
STOP condition setup time
SCL ↑ → SDA ↑
tSUSTO
4.0
-
0.6
-
μs
Bus free time between
STOP condition and
START condition
tBUF
4.7
-
1.3
-
μs
Noise filter
tSP
8 MHz ≤
tCYCP ≤ 40 MHz
2 tCYCP*4
-
2 tCYCP*4
-
ns
*5
40 MHz <
tCYCP ≤ 60 MHz
3 tCYCP*4
-
3 tCYCP*4
-
ns
*5
60 MHz <
tCYCP ≤ 72 MHz
4 tCYCP*4
-
4 tCYCP*4
-
ns
*5
*1: R and C represent the pull-up resistance and load capacitance of the SCL and SDA lines, respectively.
Vp indicates the power supply voltage of the pull-up resistance and IOL indicates VOL guaranteed current.
*2: The maximum tHDDAT must satisfy that it doesn't extend at least L period (tLOW) of device's SCL signal.
*3: Fast-mode I2C bus device can be used on Standard-mode I2C bus system as long as the device satisfies the requirement of
tSUDAT ≥ 250 ns.
*4: tCYCP is the APB bus clock cycle time.
About the APB bus number that I2C is connected to, see 8 Block Diagram in this data sheet.
To use Standard-mode, set the APB bus clock at 2 MHz or more.
To use Fast-mode, set the APB bus clock at 8 MHz or more.
*5: The number of the steps of the noise filter can be changed by register settings.
Change the number of the noise filter steps according to APB2 bus clock frequency.
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com