Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9BF412RPMC-G-JNE2 Datasheet(PDF) 27 Page - Cypress Semiconductor

Part # MB9BF412RPMC-G-JNE2
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9BF412RPMC-G-JNE2 Datasheet(HTML) 27 Page - Cypress Semiconductor

Back Button MB9BF412RPMC-G-JNE2 Datasheet HTML 23Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 24Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 25Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 26Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 27Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 28Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 29Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 30Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 31Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 112 page
background image
Document Number: 002-05615 Rev. *D
Page
27 of 112
MB9B410R Series
Module
Pin name
Function
Pin No
LQFP-
100
FBGA-
112
LQFP-
120
QFP-
100
External
Bus
MAD00_0
External bus interface address bus
31
H5
36
9
MAD01_0
32
L6
37
10
MAD02_0
39
K6
44
17
MAD03_0
40
J6
45
18
MAD04_0
41
L7
46
19
MAD05_0
42
K7
47
20
MAD06_0
43
H6
48
21
MAD07_0
44
J7
49
22
MAD08_0
45
K8
50
23
MAD09_0
53
J10
63
31
MAD10_0
54
J8
64
32
MAD11_0
55
H10
65
33
MAD12_0
56
H9
66
34
MAD13_0
57
H7
67
35
MAD14_0
58
G10
68
36
MAD15_0
59
G9
69
37
MAD16_0
63
G8
73
41
MAD17_0
64
F10
74
42
MAD18_0
65
F9
75
43
MAD19_0
66
E11
76
44
MAD20_0
67
E10
77
45
MAD21_0
68
F8
78
46
MAD22_0
69
E9
79
47
MAD23_0
70
D11
80
48
MAD24_0
74
C10
89
52
MCSX0_0
External bus interface chip select output pin
88
A6
103
66
MCSX1_0
87
D7
102
65
MCSX2_0
86
C7
101
64
MCSX3_0
85
B7
100
63
MCSX4_0
83
D9
98
61
MCSX5_0
82
C8
97
60
MCSX6_0
79
B11
94
57
MCSX7_0
77
A9
92
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com