Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9BF412RPMC-G-JNE2 Datasheet(PDF) 62 Page - Cypress Semiconductor

Part # MB9BF412RPMC-G-JNE2
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9BF412RPMC-G-JNE2 Datasheet(HTML) 62 Page - Cypress Semiconductor

Back Button MB9BF412RPMC-G-JNE2 Datasheet HTML 58Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 59Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 60Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 61Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 62Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 63Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 64Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 65Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 66Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 112 page
background image
Document Number: 002-05615 Rev. *D
Page
62 of 112
MB9B410R Series
12.2
Recommended Operating Conditions
(VSS = AVSS = 0.0V)
Parameter
Symbol
Conditions
Value
Unit
Remarks
Min
Max
Power supply voltage
VCC
-
2.7*2
5.5
V
Analog power supply voltage
AVCC
-
2.7
5.5
V
AVCC = VCC
Analog reference voltage
AVRH
-
2.7
AVCC
V
Smoothing capacitor
CS
-
1
10
μF
For built-in 1.2 V
regulator*1
Operating
temperature
LQI100
LQM120
TA
When
mounted on
four-layer
PCB
-
40
+ 85
°
C
PQH100
LBC112
TA
-
-
40
+ 85
°
C
*1: See "C Pin" in "Handling Devices" for the connection of the smoothing capacitor.
*2: In between less than the minimum power supply voltage and low voltage reset/interrupt detection voltage or more, instruction
execution and low voltage detection function by built-in High-speed CR(including Main PLL is used) or built-in Low-speed CR
is possible to operate only.
WARNING:
The recommended operating conditions are required in order to ensure the normal operation of the semiconductor device. All of
the device's electrical characteristics are warranted when the device is operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation outside these ranges may
adversely affect reliability and could result in device failure. No warranty is made with respect to uses, operating conditions, or
combinations not represented on the data sheet. Users considering application outside the listed conditions are advised to
contact their representatives beforehand.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com