Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9BF412RPMC-G-JNE2 Datasheet(PDF) 60 Page - Cypress Semiconductor

Part # MB9BF412RPMC-G-JNE2
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9BF412RPMC-G-JNE2 Datasheet(HTML) 60 Page - Cypress Semiconductor

Back Button MB9BF412RPMC-G-JNE2 Datasheet HTML 56Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 57Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 58Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 59Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 60Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 61Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 62Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 63Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 64Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 112 page
background image
Document Number: 002-05615 Rev. *D
Page
60 of 112
MB9B410R Series
12.
Electrical Characteristics
12.1
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
Power supply voltage*1, *2
VCC
VSS - 0.5
VSS + 6.5
V
Analog power supply voltage*1, *3
AVCC
VSS - 0.5
VSS + 6.5
V
Analog reference voltage*1, *3
AVRH
VSS - 0.5
VSS + 6.5
V
Input voltage*1
VI
VSS - 0.5
VCC + 0.5
(≤ 6.5 V)
V
VSS - 0.5
VSS + 6.5
V
5 V tolerant
Analog pin input voltage*1
VIA
VSS - 0.5
AVCC + 0.5
(≤ 6.5 V)
V
Output voltage*1
VO
VSS - 0.5
VCC + 0.5
(≤ 6.5 V)
V
Clamp maximum current
ICLAMP
-
2
+2
mA
*7
Clamp total maximum current
Σ
[ICLAMP]
+20
mA
*7
L level maximum output current*4
IOL
-
10
mA
4 mA type
20
mA
12 mA type
39
mA
P80, P81
L level average output current*6
IOLAV
-
4
mA
4 mA type
12
mA
12 mA type
18.5
mA
P80, P81
L level total maximum output current
∑IOL
-
100
mA
L level total average output current*6
∑IOLAV
-
50
mA
H level maximum output current*4
IOH
-
-
10
mA
4 mA type
-
20
mA
12 mA type
-
39
mA
P80, P81
H level average output current*5
IOHAV
-
-
4
mA
4 mA type
-
12
mA
12 mA type
-
20.5
mA
P80, P81
H level total maximum output current
∑IOH
-
-
100
mA
H level total average output current*6
∑IOHAV
-
-
50
mA
Power consumption
PD
-
1000
mW
Storage temperature
TSTG
-
55
+ 150
°
C
*1: These parameters are based on the condition that VSS = AVSS = 0.0 V.
*2: VCC must not drop below VSS - 0.5 V.
*3: Ensure that the voltage does not to exceed VCC + 0.5 V, for example, when the power is turned on.
*4: The maximum output current is the peak value for a single pin.
*5: The average output is the average current for a single pin over a period of 100 ms.
*6: The total average output current is the average current for all pins over a period of 100 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com