Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9BF412RPMC-G-JNE2 Datasheet(PDF) 16 Page - Cypress Semiconductor

Part # MB9BF412RPMC-G-JNE2
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9BF412RPMC-G-JNE2 Datasheet(HTML) 16 Page - Cypress Semiconductor

Back Button MB9BF412RPMC-G-JNE2 Datasheet HTML 12Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 13Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 14Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 15Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 16Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 17Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 18Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 19Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 20Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 112 page
background image
Document Number: 002-05615 Rev. *D
Page
16 of 112
MB9B410R Series
Pin No
Pin Name
I/O circuit
type
Pin state
type
LQFP-100
FBGA-112
LQFP-120
QFP-100
17
G2
22
95
P38
E
H
IC00_0
SCK5_2
(SCL5_2)
INT11_1
-
MADATA15_0
(100pin only)
18
F4
23
96
P39
E
I
DTTI0X_0
ADTG_2
19
G3
24
97
P3A
G
I
RTO00_0
(PPG00_0)
TIOA0_1
RTCCO_2
SUBOUT_2
-
B2
-
-
VSS
-
20
H1
25
98
P3B
G
I
RTO01_0
(PPG00_0)
TIOA1_1
21
H2
26
99
P3C
G
I
RTO02_0
(PPG02_0)
TIOA2_1
22
G4
27
100
P3D
G
I
RTO03_0
(PPG02_0)
TIOA3_1
23
H3
28
1
P3E
G
I
RTO04_0
(PPG04_0)
TIOA4_1
24
J2
29
2
P3F
G
I
RTO05_0
(PPG04_0)
TIOA5_1
25
L1
30
3
VSS
-
26
J1
31
4
VCC
-
27
J4
32
5
P40
G
H
TIOA0_0
RTO10_1
(PPG10_1)
INT12_1
28
L5
33
6
P41
G
H
TIOA1_0
RTO11_1
(PPG10_1)
INT13_1
29
K5
34
7
P42
G
I
TIOA2_0
RTO12_1
(PPG12_1)
30
J5
35
8
P43
G
I
TIOA3_0
RTO13_1
(PPG12_1)
ADTG_7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com