Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9BF412RPMC-G-JNE2 Datasheet(PDF) 33 Page - Cypress Semiconductor

Part # MB9BF412RPMC-G-JNE2
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9BF412RPMC-G-JNE2 Datasheet(HTML) 33 Page - Cypress Semiconductor

Back Button MB9BF412RPMC-G-JNE2 Datasheet HTML 29Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 30Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 31Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 32Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 33Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 34Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 35Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 36Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 37Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 112 page
background image
Document Number: 002-05615 Rev. *D
Page
33 of 112
MB9B410R Series
Module
Pin name
Function
Pin No
LQFP-
100
FBGA-
112
LQFP-
120
QFP-
100
Multi-
function
Serial
2
SIN2_0
Multi-function serial interface ch.2 input pin
-
-
53
-
SIN2_1
-
-
85
-
SIN2_2
59
G9
69
37
SOT2_0
(SDA2_0)
Multi-function serial interface ch.2 output
pin.
This pin operates as SOT2 when it is used
in a UART/CSIO/LIN (operation modes 0 to
3) and as SDA2 when it is used in an I2C
(operation mode 4).
-
-
54
-
SOT2_1
(SDA2_1)
-
-
84
-
SOT2_2
(SDA2_2)
63
G8
73
41
SCK2_0
(SCL2_0)
Multi-function serial interface ch.2 clock I/O
pin.
This pin operates as SCK2 when it is used
in a CSIO (operation modes 2) and as SCL2
when it is used in an I2C (operation mode
4).
-
-
55
-
SCK2_1
(SCL2_1)
-
-
83
-
SCK2_2
(SCL2_2)
64
F10
74
42
Multi-
function
Serial
3
SIN3_0
Multi-function serial interface ch.3 input pin
-
-
110
-
SIN3_1
2
C1
2
80
SIN3_2
39
K6
44
17
SOT3_0
(SDA3_0)
Multi-function serial interface ch.3 output
pin.
This pin operates as SOT3 when it is used
in a UART/CSIO/LIN (operation modes 0 to
3) and as SDA3 when it is used in an I2C
(operation mode 4).
-
-
109
-
SOT3_1
(SDA3_1)
3
C2
3
81
SOT3_2
(SDA3_2)
40
J6
45
18
SCK3_0
(SCL3_0)
Multi-function serial interface ch.3 clock I/O
pin.
This pin operates as SCK3 when it is used
in a CSIO (operation modes 2) and as SCL3
when it is used in an I2C (operation mode
4).
-
-
108
-
SCK3_1
(SCL3_1)
4
B3
4
82
SCK3_2
(SCL3_2)
41
L7
46
19
Multi-
function
Serial
4
SIN4_0
Multi-function serial interface ch.4 input pin
87
D7
102
65
SIN4_1
65
F9
75
43
SIN4_2
82
C8
97
60
SOT4_0
(SDA4_0)
Multi-function serial interface ch.4 output
pin.
This pin operates as SOT4 when it is used
in a UART/CSIO/LIN (operation modes 0 to
3) and as SDA4 when it is used in an I2C
(operation mode 4).
88
A6
103
66
SOT4_1
(SDA4_1)
66
E11
76
44
SOT4_2
(SDA4_2)
83
D9
98
61
SCK4_0
(SCL4_0)
Multi-function serial interface ch.4 clock I/O
pin.
This pin operates as SCK4 when it is used
in a CSIO (operation modes 2) and as SCL4
when it is used in an I2C (operation mode
4).
89
B6
104
67
SCK4_1
(SCL4_1)
67
E10
77
45
SCK4_2
(SCL4_2)
84
A7
99
62
RTS4_0
Multi-function serial interface ch.4 RTS
output pin
90
C6
105
68
RTS4_1
69
E9
79
47
RTS4_2
86
C7
101
64
CTS4_0
Multi-function serial interface ch.4 CTS
input pin
91
A5
106
69
CTS4_1
68
F8
78
46
CTS4_2
85
B7
100
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com