Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9BF412RPMC-G-JNE2 Datasheet(PDF) 37 Page - Cypress Semiconductor

Part # MB9BF412RPMC-G-JNE2
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9BF412RPMC-G-JNE2 Datasheet(HTML) 37 Page - Cypress Semiconductor

Back Button MB9BF412RPMC-G-JNE2 Datasheet HTML 33Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 34Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 35Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 36Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 37Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 38Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 39Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 40Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 41Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 112 page
background image
Document Number: 002-05615 Rev. *D
Page
37 of 112
MB9B410R Series
Module
Pin name
Function
Pin No
LQFP-
100
FBGA-
112
LQFP-
120
QFP-
100
Multi-
function
Timer
2
DTTI2X_0
Input signal controlling wave form generator
outputs RTO20 to RTO25 of Multi-function
timer 2.
92
B5
107
70
DTTI2X_1
92
B5
107
70
FRCK2_0
16-bit free-run timer ch.2 external clock
input pin
87
D7
102
65
FRCK2_1
-
-
112
-
IC20_0
16-bit input capture ch.2 input pin of
Multi-function timer 2.
ICxx describes channel number.
88
A6
103
66
IC20_1
-
-
108
-
IC21_0
89
B6
104
67
IC21_1
-
-
109
-
IC22_0
90
C6
105
68
IC22_1
-
-
110
-
IC23_0
91
A5
106
69
IC23_1
-
-
111
-
RTO20_0
(PPG20_0)
Wave form generator output pin of
Multi-function timer 2.
This pin operates as PPG20 when it is used
in PPG2 output modes.
-
-
113
-
RTO20_1
(PPG20_1)
86
C7
101
64
RTO21_0
(PPG20_0)
Wave form generator output pin of
Multi-function timer 2.
This pin operates as PPG20 when it is used
in PPG2 output modes.
-
-
112
-
RTO21_1
(PPG20_1)
87
D7
102
65
RTO22_0
(PPG22_0)
Wave form generator output pin of
Multi-function timer 2.
This pin operates as PPG22 when it is used
in PPG2 output modes.
-
-
111
-
RTO22_1
(PPG22_1)
88
A6
103
66
RTO23_0
(PPG22_0)
Wave form generator output pin of
Multi-function timer 2.
This pin operates as PPG22 when it is used
in PPG2 output modes.
-
-
110
-
RTO23_1
(PPG22_1)
89
B6
104
67
RTO24_0
(PPG24_0)
Wave form generator output pin of
Multi-function timer 2.
This pin operates as PPG24 when it is used
in PPG2 output modes.
-
-
109
-
RTO24_1
(PPG24_1)
90
C6
105
68
RTO25_0
(PPG24_0)
Wave form generator output pin of
Multi-function timer 2.
This pin operates as PPG24 when it is used
in PPG2 output modes.
-
-
108
-
RTO25_1
(PPG24_1)
91
A5
106
69
Quadrature
Position/
Revolution
Counter
0
AIN0_0
QPRC ch.0 AIN input pin
9
E1
14
87
AIN0_1
40
J6
45
18
AIN0_2
2
C1
2
80
BIN0_0
QPRC ch.0 BIN input pin
10
E2
15
88
BIN0_1
41
L7
46
19
BIN0_2
3
C2
3
81
ZIN0_0
QPRC ch.0 ZIN input pin
11
E3
16
89
ZIN0_1
42
K7
47
20
ZIN0_2
4
B3
4
82
Quadrature
Position/
Revolution
Counter
1
AIN1_1
QPRC ch.1 AIN input pin
74
C10
89
52
AIN1_2
43
H6
48
21
BIN1_1
QPRC ch.1 BIN input pin
73
C11
88
51
BIN1_2
44
J7
49
22
ZIN1_1
QPRC ch.1 ZIN input pin
72
E8
87
50
ZIN1_2
45
K8
50
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com