Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9BF412RPMC-G-JNE2 Datasheet(PDF) 63 Page - Cypress Semiconductor

Part # MB9BF412RPMC-G-JNE2
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9BF412RPMC-G-JNE2 Datasheet(HTML) 63 Page - Cypress Semiconductor

Back Button MB9BF412RPMC-G-JNE2 Datasheet HTML 59Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 60Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 61Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 62Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 63Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 64Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 65Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 66Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 67Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 112 page
background image
Document Number: 002-05615 Rev. *D
Page
63 of 112
MB9B410R Series
12.3
DC Characteristics
12.3.1
Current Rating
(VCC = AVCC = 2.7V to 5.5V, VSS = AVSS = 0V, TA = - 40°C to + 85°C)
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Typ*3
Max*4
Run
mode
current
ICC
VCC
PLL
Run mode
CPU: 144 MHz,
Peripheral: 72 MHz,
Main Flash 2 Wait
TraceBuffer: ON
FRWTR.RWT = 10
FSYNDN.SD = 000
FBFCR.BE = 1
85
117
mA
*1, *5
CPU: 72 MHz,
Peripheral: 72 MHz,
Main Flash 0 Wait
TraceBuffer: OFF
FRWTR.RWT = 00
FSYNDN.SD = 000
FBFCR.BE = 0
52
70
mA
*1, *5
High-speed
CR
Run mode
CPU/ Peripheral: 4 MHz*2
Main Flash 0 Wait
FRWTR.RWT = 00
FSYNDN.SD = 000
5
17
mA
*1
Sub
Run mode
CPU/ Peripheral: 32 kHz
Main Flash 0 Wait
FRWTR.RWT = 00
FSYNDN.SD = 000
1.3
14
mA
*1, *6
Low-speed
CR
Run mode
CPU/ Peripheral: 100 kHz
Main Flash 0 Wait
FRWTR.RWT = 00
FSYNDN.SD = 000
1.3
14
mA
*1
Sleep
mode
current
ICCS
PLL
Sleep mode
Peripheral: 72 MHz
28
43
mA
*1, *5
High-speed
CR
Sleep mode
Peripheral: 4 MHz*2
3
16
mA
*1
Sub
Sleep mode
Peripheral: 32 kHz
1
14
mA
*1, *6
Low-speed
CR
Sleep mode
Peripheral: 100 kHz
1
14
mA
*1
*1: When all ports are fixed.
*2: When setting it to 4 MHz by trimming.
*3: TA=+25°C, VCC=5.5 V
*4: TA=+85°C, VCC=5.5 V
*5: When using the crystal oscillator of 4 MHz(Including the current consumption of the oscillation circuit)
*6: When using the crystal oscillator of 32 kHz(Including the current consumption of the oscillation circuit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com