Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9BF412RPMC-G-JNE2 Datasheet(PDF) 26 Page - Cypress Semiconductor

Part # MB9BF412RPMC-G-JNE2
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9BF412RPMC-G-JNE2 Datasheet(HTML) 26 Page - Cypress Semiconductor

Back Button MB9BF412RPMC-G-JNE2 Datasheet HTML 22Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 23Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 24Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 25Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 26Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 27Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 28Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 29Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 30Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 112 page
background image
Document Number: 002-05615 Rev. *D
Page
26 of 112
MB9B410R Series
Module
Pin name
Function
Pin No
LQFP-
100
FBGA-
112
LQFP-
120
QFP-
100
Base Timer
4
TIOA4_0
Base timer ch.4 TIOA pin
31
H5
36
9
TIOA4_1
23
H3
28
1
TIOA4_2
-
-
51
-
TIOB4_0
Base timer ch.4 TIOB pin
44
J7
49
22
TIOB4_1
13
F1
18
91
TIOB4_2
-
-
52
-
Base Timer
5
TIOA5_0
Base timer ch.5 TIOA pin
32
L6
37
10
TIOA5_1
24
J2
29
2
TIOA5_2
82
C8
97
60
TIOB5_0
Base timer ch.5 TIOB pin
45
K8
50
23
TIOB5_1
14
F2
19
92
TIOB5_2
83
D9
98
61
Base Timer
6
TIOA6_0
Base timer ch.6 TIOA pin
-
-
53
-
TIOA6_1
89
B6
104
67
TIOA6_2
-
-
82
-
TIOB6_0
Base timer ch.6 TIOB pin
-
-
54
-
TIOB6_1
88
A6
103
66
TIOB6_2
-
-
81
-
Base Timer
7
TIOA7_0
Base timer ch.7 TIOA pin
-
-
112
-
TIOA7_1
71
D10
86
49
TIOA7_2
-
-
109
-
TIOB7_0
Base timer ch.7 TIOB pin
-
-
111
-
TIOB7_1
72
E8
87
50
TIOB7_2
-
-
108
-
CAN 0
TX0_0
CAN interface ch.0 TX output pin
-
-
51
-
TX0_1
13
F1
18
91
TX0_2
94
C5
114
72
RX0_0
CAN interface ch.0 RX output pin
-
-
52
-
RX0_1
14
F2
19
92
RX0_2
93
D6
113
71
CAN 1
TX1_0
CAN interface ch.1 TX output pin
-
-
84
-
TX1_1
-
-
12
-
TX1_2
54
J8
64
32
RX1_0
CAN interface ch.1 RX output pin
-
-
85
-
RX1_1
-
-
11
-
RX1_2
53
J10
63
31
Debugger
SWCLK
Serial wire debug interface clock input pin
78
B9
93
56
SWDIO
Serial wire debug interface data input /
output pin
80
A8
95
58
SWO
Serial wire viewer output pin
81
B8
96
59
TCK
JTAG test clock input pin
78
B9
93
56
TDI
JTAG test data input pin
79
B11
94
57
TDO
JTAG debug data output pin
81
B8
96
59
TMS
JTAG test mode state input/output pin
80
A8
95
58
TRACECLK
Trace CLK output pin of ETM
86
C7
101
64
TRACED0
Trace data output pin of ETM
82
C8
97
60
TRACED1
83
D9
98
61
TRACED2
84
A7
99
62
TRACED3
85
B7
100
63
TRSTX
JTAG test reset Input pin
77
A9
92
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com