Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9BF412RPMC-G-JNE2 Datasheet(PDF) 64 Page - Cypress Semiconductor

Part # MB9BF412RPMC-G-JNE2
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9BF412RPMC-G-JNE2 Datasheet(HTML) 64 Page - Cypress Semiconductor

Back Button MB9BF412RPMC-G-JNE2 Datasheet HTML 60Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 61Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 62Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 63Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 64Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 65Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 66Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 67Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 68Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 112 page
background image
Document Number: 002-05615 Rev. *D
Page
64 of 112
MB9B410R Series
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Typ*2
Max*2
Timer
mode
current
ICCT
VCC
Main
Timer
mode
TA = + 25°C,
When LVD is off
3.2
6
mA
*1, *3
TA = + 85°C,
When LVD is off
-
15
mA
*1, *3
Sub
Timer
mode
TA = + 25°C,
When LVD is off
0.9
3
mA
*1, *4
TA = + 85°C,
When LVD is off
-
12
mA
*1, *4
Stop
mode
current
ICCH
Stop mode
TA = + 25°C,
When LVD is off
0.8
3
mA
*1
TA = + 85°C,
When LVD is off
-
12
mA
*1
*1: When all ports are fixed.
*2: VCC=5.5 V
*3: When using the crystal oscillator of 4 MHz(Including the current consumption of the oscillation circuit)
*4: When using the crystal oscillator of 32 kHz(Including the current consumption of the oscillation circuit)
Low-Voltage Detection Current
(VCC = 2.7V to 5.5V, VSS = 0V, TA = - 40°C to + 85°C)
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Typ
Max
Low voltage
detection circuit
(LVD) power
supply current
ICCLVD
VCC
At operation
for interrupt
VCC = 5.5 V
4
7
μA
At not detect
Flash Memory Current
(VCC = 2.7V to 5.5V, VSS = 0V, TA = - 40°C to + 85°C)
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Typ
Max
Flash memory
write/erase
current
ICCFLASH
VCC
MainFlash
At Write/Erase
11.4
13.1
mA
*
WorkFlash
At Write/Erase
11.4
13.1
mA
*: The current at which to write or erase Flash memory, ICCFLASH is added to ICC.
A/D Converter Current
(VCC = AVCC = 2.7V to 5.5V, VSS = AVSS = AVRL = 0V, TA = - 40°C to + 85°C)
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Typ
Max
Power supply
current
ICCAD
AVCC
At 1unit
operation
0.47
0.62
mA
At stop
0.06
25
μA
Reference power
supply current
ICCAVRH
AVRH
At 1unit
operation
AVRH=5.5 V
1.1
1.96
mA
At stop
0.06
4
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com