Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9BF412RPMC-G-JNE2 Datasheet(PDF) 95 Page - Cypress Semiconductor

Part # MB9BF412RPMC-G-JNE2
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9BF412RPMC-G-JNE2 Datasheet(HTML) 95 Page - Cypress Semiconductor

Back Button MB9BF412RPMC-G-JNE2 Datasheet HTML 91Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 92Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 93Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 94Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 95Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 96Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 97Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 98Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 99Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 112 page
background image
Document Number: 002-05615 Rev. *D
Page
95 of 112
MB9B410R Series
12.5
12-bit A/D Converter
Electrical Characteristics for the A/D Converter
(VCC = AVCC = 2.7V to 5.5V, VSS = AVSS = 0V, TA = - 40°C to + 85°C)
Parameter
Symbol
Pin
name
Value
Unit
Remarks
Min
Typ
Max
Resolution
-
-
-
-
12
bit
Integral Nonlinearity
-
-
-
± 4.0
± 4.5
LSB
AVRH = 2.7 V to 5.5 V
Differential Nonlinearity
-
-
-
± 2.3
± 2.5
LSB
Zero transition voltage
VZT
ANxx
-
± 10
± 15
mV
Full-scale transition
voltage
VFST
ANxx
-
AVRH ± 10
AVRH ± 15
mV
Conversion time
-
-
1.0*1
-
-
μs
AVCC
≥ 4.5 V
1.2*1
-
-
AVCC < 4.5 V
Sampling time
tS
-
*2
-
-
ns
AVCC
≥ 4.5 V
*2
-
-
AVCC < 4.5 V
Compare clock cycle*3
tCCK
-
50
-
2000
ns
AVCC
≥ 4.5 V
AVCC < 4.5 V
State transition time to
operation permission
tSTT
-
-
-
1.0
μs
Analog input capacity
CAIN
-
-
-
12.9
pF
Analog input resistance
RAIN
-
-
-
2
kΩ
AVCC ≥ 4.5 V
3.8
AVCC < 4.5 V
Interchannel disparity
-
-
-
-
4
LSB
Analog port input leak
current
-
ANxx
-
-
5
μA
Analog input voltage
-
ANxx
AVSS
-
AVRH
V
Reference voltage
-
AVRH
2.7
-
AVCC
V
*1: Conversion time is the value of sampling time (tS) + compare time (tC).
The condition of the minimum conversion time is the following.
AVCC ≥ 4.5 V, HCLK=120 Hz
sampling time: 300 ns, compare time: 700 ns
AVCC < 4.5 V, HCLK=120 Hz
sampling time: 500 ns, compare time: 700 ns
Ensure that it satisfies the value of sampling time (tS) and compare clock cycle (tCCK).
For setting*4 of sampling time and compare clock cycle, see CHAPTER 1-1: 12-bit A/D Converter in FM3 Family
PERIPHERAL MANUAL Analog Macro Part.
A/D Converter register is set at APB bus clock timing. Sampling and compare clock is set at Base clock (HCLK).
About the APB bus number which the A/D Converter is connected to, see 8 Block Diagram in this data sheet.
*2: A necessary sampling time changes by external impedance.
Ensure that it set the sampling time to satisfy (Equation 1).
*3: Compare time (tC) is the value of (Equation 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com