Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OL2385SWUG Datasheet(PDF) 18 Page - NXP Semiconductors

Part # OL2385SWUG
Description  SIGFOX software driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385SWUG Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button OL2385SWUG Datasheet HTML 14Page - NXP Semiconductors OL2385SWUG Datasheet HTML 15Page - NXP Semiconductors OL2385SWUG Datasheet HTML 16Page - NXP Semiconductors OL2385SWUG Datasheet HTML 17Page - NXP Semiconductors OL2385SWUG Datasheet HTML 18Page - NXP Semiconductors OL2385SWUG Datasheet HTML 19Page - NXP Semiconductors OL2385SWUG Datasheet HTML 20Page - NXP Semiconductors OL2385SWUG Datasheet HTML 21Page - NXP Semiconductors OL2385SWUG Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
NXP Semiconductors
OL2385SWUG
SIGFOX software driver
OL2385SWUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2.1 — 6 April 2018
18 / 64
Note: Understand that the COM connection is established as soon as you select the
COM port and click on
OK. If you remove the USB cable without closing the terminal,
the COM connection breaks but is not fully closed. And if you plug the cable back
in the USB, the COM connection does not establish again. Therefore, you will see
that the terminal does not respond.
Therefore, always close the terminal before
removing the USB cable and open the terminal only after you have plugged
back in the USB cable. Connect the RESET pins of both boards and use middle
reset button on the KL43Z board to reset. Unplugging and replugging the USB is not
the preferred way to reset the boards.
7. After you Press the reset button on the KL43Z, a menu as shown in Figure 15 will
appear, indicating that the KL43Z board is properly set up.
8. Type
1 and press Enter to send wakeup command over SPI. By default, after power-
on reset, the device goes in deep sleep or POWEROFF2 power-saving mode.
Therefore, the wakeup command always has to be sent first after any kind of
board reset.
9. Type
8 and press Enter to send a Get info command. This command will display the
ID and the PAC value of the device. Even if these values are zero, if you see SPI TX
buffer and SPI RX buffer bytes, SPI bidirectional communication is working.
10.The next command depends on the region you would like to test, namely RCZ1,
RCZ2, RCZ3 or RCZ4. Choose between 0x15, 0x16, 0x17 or 0x18 accordingly.
Note that the OL2385 boards for each of these respective regions are different. For
example: RCZ2 and RCZ4 uses external PA whereas, RCZ3 uses 27.6 MHz external
TCXO. However, the OL2385 firmware supports all four regions. However, the system
as a whole will only work if you choose the appropriate region on the terminal for the
hardware.
11.The rest of the commands are self-explanatory and depend on your choice of testing
tool. For example, a Spectrum analyzer might need a Continuous wave command,
SIGFOX base station might need a Send payload command or SIGFOX SFXIQ
P1 certification tool might need a Send test mode command. If required, refer to
OL2385_SPI_Interface_Commands.xlsx for details about SPI commands located at
www.nxp.com/OM2385



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com