Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OL2385SWUG Datasheet(PDF) 21 Page - NXP Semiconductors

Part # OL2385SWUG
Description  SIGFOX software driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385SWUG Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button OL2385SWUG Datasheet HTML 17Page - NXP Semiconductors OL2385SWUG Datasheet HTML 18Page - NXP Semiconductors OL2385SWUG Datasheet HTML 19Page - NXP Semiconductors OL2385SWUG Datasheet HTML 20Page - NXP Semiconductors OL2385SWUG Datasheet HTML 21Page - NXP Semiconductors OL2385SWUG Datasheet HTML 22Page - NXP Semiconductors OL2385SWUG Datasheet HTML 23Page - NXP Semiconductors OL2385SWUG Datasheet HTML 24Page - NXP Semiconductors OL2385SWUG Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
NXP Semiconductors
OL2385SWUG
SIGFOX software driver
OL2385SWUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2.1 — 6 April 2018
21 / 64
4. MRK III 2-link box driver installation package.
5. Batch file for flashing the hex file.
6. Batch file for powering up the board.
Before flashing the hex file, install the drivers for the 2-link box on your PC. The
installation instructions are provided in the 2-Link Installation files folder provided within
the Customer_Support_Package.zip file. Follow these steps for flashing:
1. Connect the 2-link box as shown in Figure 18. Find the MDI interface on the board
and connect the ground wire (brown) of the 2-link box to the marked with a white
arrow.
2. Place the hex file, MtGV0-SIGFOX.hex, in the
Customer_Support_Package/OL2385
folder. If the hex file name is different, rename the file to MtGV0-SIGFOX.hex. This is
the name of the file used inside the batch file script.
3. The MRKIIIlink.exe and MRKIIIlink.dll should be present in
Customer_Support_Package folder provided by NXP.
4. Run the OL2385_load_hexfiles.bat batch file to write the hex file software on OL2385.
5. Run the OL2385_powerup_device batch file to power up the device by the 2-link box,
if you do not have any other power supply connected like microcontroller board or
external battery. Otherwise, you can now disconnect the 2link box.
Figure 18. 2-link box connection
6 Setting up the software project
6.1 OL2385-SIGFOX firmware types
Depending on the interface to the OL2385 transceiver, the firmware running on it can be
categorized into the following types:
• SPI based firmware (fully available): This version needs an external MCU connected
to the OL2385 through a 5-wire SPI interface, as previously explained. This is a
standard NXP product and readily available.
• Button press based firmware (under investigation): This version needs a small
application to be written to the OL2385 to enable use of the three buttons provided on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com