Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OL2385SWUG Datasheet(PDF) 39 Page - NXP Semiconductors

Part # OL2385SWUG
Description  SIGFOX software driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385SWUG Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button OL2385SWUG Datasheet HTML 35Page - NXP Semiconductors OL2385SWUG Datasheet HTML 36Page - NXP Semiconductors OL2385SWUG Datasheet HTML 37Page - NXP Semiconductors OL2385SWUG Datasheet HTML 38Page - NXP Semiconductors OL2385SWUG Datasheet HTML 39Page - NXP Semiconductors OL2385SWUG Datasheet HTML 40Page - NXP Semiconductors OL2385SWUG Datasheet HTML 41Page - NXP Semiconductors OL2385SWUG Datasheet HTML 42Page - NXP Semiconductors OL2385SWUG Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
NXP Semiconductors
OL2385SWUG
SIGFOX software driver
OL2385SWUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2.1 — 6 April 2018
39 / 64
Note: For any RCZ, there can be a difference between center frequency in the
specification and opening center frequency for the SIGFOX library due to the frequency-
hopping algorithm. For example, the actual TX frequency for RCZ4 is 920.8 MHz but
the value in the previous table is 902.2 MHz. This is because 902.2 MHz is the opening/
starting value of frequency in the frequency map. The frequency map is actually used to
enable all the possible frequencies on which the device can hop for transmitting frames.
The channels in this map are enabled using config word settings. See the SIGFOX_api.h
file for detailed information. So, for RCZ4 the map will start enabling the first frequency
starting from 920.8 MHz, which means that the frequency-hopping algorithm will
automatically take care of the correct frequency value. All this algorithm needs are the
initial opening values as input, from which it calculates the right frequency. Therefore, if
you will just use continuous wave after changing to RCZ4 region and check on spectrum
analyzer you will see only the 902.2MHz, since FH algorithm is not considered in CW.
However, when you will do a frame transmission using "Send payload" SPI command or
test mode sequence "14-0-9" to send 9 frames on constant frequency, the frequency of
transmission will be 920.8 MHz.
Additionally, the Change Zone commands allows the user to configure the following:
• Number of attenuation steps: 1 step is equal to 0.25 dBm of attenuation. The default
value is 0.
• Board oscillator type: 0 for standard crystal oscillator (XTAL) and 1 for temperature
calibrated crystal oscillator (TCXO).
Note: NXP currently only supports boards operating a TCXO and not a standard XTAL
oscillator.
• SIGFOX frame repetitions: As per SIGFOX library version 1.9.2a, which is included in
OL2385 firmware version 01.12.00.02.08.20.17, a value of 0 will set it to 1 frame. Any
value more than zero will set it to 3 repetitions. The default value is 3.
• Internal PA type: 0 for 14 dBm internal PA or 1 for 0 dBm internal PA. The default value
is 0 (14d Bm internal PA).
How to use the Change Zone command:
1. After wakeup from sleep, type
15 for RCZ1, 16 for RCZ2, 17 for RCZ3, or 18 for
RCZ4, and then press Enter.
2. Type the number of TX attenuation steps, such as 0, and then press Enter.
3. Type
0 if the board operates on a standard crystal oscillator (XTAL) or type 1 if the
board operates on a temperature calibrated crystal oscillator (TCXO), and then press
Enter.
4. Type the number of SIGFOX frame repetitions, such as 3, and then press Enter.
5. Type
0 for 14 dBm internal PA or type 1 for dBm internal PA (default value is 0), and
then press Enter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com