Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OL2385SWUG Datasheet(PDF) 45 Page - NXP Semiconductors

Part # OL2385SWUG
Description  SIGFOX software driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385SWUG Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button OL2385SWUG Datasheet HTML 41Page - NXP Semiconductors OL2385SWUG Datasheet HTML 42Page - NXP Semiconductors OL2385SWUG Datasheet HTML 43Page - NXP Semiconductors OL2385SWUG Datasheet HTML 44Page - NXP Semiconductors OL2385SWUG Datasheet HTML 45Page - NXP Semiconductors OL2385SWUG Datasheet HTML 46Page - NXP Semiconductors OL2385SWUG Datasheet HTML 47Page - NXP Semiconductors OL2385SWUG Datasheet HTML 48Page - NXP Semiconductors OL2385SWUG Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
NXP Semiconductors
OL2385SWUG
SIGFOX software driver
OL2385SWUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2.1 — 6 April 2018
45 / 64
You cannot fine tune it again and again by sending the values and expecting them to
accumulate. The value is always the absolute difference from the desired frequency. If
you see wrong results, it could be the entered value was wrong. That is why the value
has to be reset.
5. Connect the RF connector of the OL2385 device to a spectrum analyzer using an
SMA cable.
6. Choose the Continuous wave: Type
b, and then press Enter. The CW should be ON.
Write down the offset value from the spectrum analyzer as shown in the figure above.
7. Choose the Static_frequency_calibration: Type
22, and then press Enter. It will ask for
adding or subtracting the offset. Choose 1 or 2 according to the offset, and then press
Enter. It will ask for an offset value. Type the offset value without the sign, and then
press Enter. The sign was chosen by 1 or 2. Now the device is calibrated.
8. Choose the region Change to RCZXX: Type
15 or 16 or 17 or 18. Press Enter.
This will program the calibrated opening center frequencies of each region into the
OL2385.
9. Choose the Continuous wave: Type
b. Press Enter. The CW should be ON. Check if
the peak is on correct center frequency.
or
After the compensation, you can also use the SPI command sequence of test mode
14-0-9 with max hold setting on trace of spectrum analyzer. This sequence will send
nine frames on constant center frequency. Here you can also see the peak of the
spectrum has now adjusted on correct frequency.
Note:
This method is used to compensate the crystal on the center frequency of a respective
region. The device can be compensated on any other frequency using command
Set_UL_frequency – 9 first to change the uplink frequency. Then, use the Continuous
wave command to see the peak at this chosen frequency. The offset obtained from this
peak will correspond to the chosen frequency. One can then use this offset for calibration
in the above process. However, the proof of compensation cannot be checked by just
starting the CW again. It is not the continuous wave command that actually takes the
offset into calculation of frequency. The offset is taken into consideration by the SIGFOX
library. Changing a zone uses those SIGFOX library functions and so does the test
mode. Therefore, using Change to RCZXX or 14-0-9 will show the peak at compensated
frequency value. But, these two work only with center frequencies of the region. The
desired frequency is used to calculate the offset, then compensate it using the method
above, but catching the proof of compensation on desired frequency is not possible. One
can only see the proof on center frequencies of the region.
After running five commands, any command can be sent. For example, Send payload
can be used to send three SIGFOX frames on three different frequencies. Continuous
wave can be used for getting a constant unmodulated wave. After running above five
commands, one can now choose to send any command as required. For example,
Send payload can be used to send three SIGFOX frames on three different frequencies.
Continuous wave can be used for getting a constant unmodulated wave.
7.2.3 Miscellaneous commands
The following sections contain commands that are not mandatory, but useful in certain
conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com