Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OL2385SWUG Datasheet(PDF) 2 Page - NXP Semiconductors

Part # OL2385SWUG
Description  SIGFOX software driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385SWUG Datasheet(HTML) 2 Page - NXP Semiconductors

  OL2385SWUG Datasheet HTML 1Page - NXP Semiconductors OL2385SWUG Datasheet HTML 2Page - NXP Semiconductors OL2385SWUG Datasheet HTML 3Page - NXP Semiconductors OL2385SWUG Datasheet HTML 4Page - NXP Semiconductors OL2385SWUG Datasheet HTML 5Page - NXP Semiconductors OL2385SWUG Datasheet HTML 6Page - NXP Semiconductors OL2385SWUG Datasheet HTML 7Page - NXP Semiconductors OL2385SWUG Datasheet HTML 8Page - NXP Semiconductors OL2385SWUG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
NXP Semiconductors
OL2385SWUG
SIGFOX software driver
OL2385SWUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2.1 — 6 April 2018
2 / 64
unauthorized use, even if such claim alleges NXP was negligent regarding the design or
manufacture of the part.
NXP and the NXP logo are trademarks of NXP B.V. All other product or service names
are the property of their respective owners. © NXP B.V. 2018.
2 Introduction
The main intention of this user guide is to enable engineers to set up OL2385 based
SIGFOX boards for testing. This user guide explains how to use the OL2385 transceiver
for rapid prototyping of microcontroller based SIGFOX applications. It also contains
a basic introduction to the SIGFOX ecosystem, an explanation regarding necessary
registration of devices at SIGFOX network for demo evaluation and basics of SIGFOX
P1 certification testing. This documentation also describes how to install and use the
SIGFOX hardware/software setup.
The OM2385/SF001 development kit is an evaluation platform based on the OL2385
chip. See the OL2385 data sheet for detailed information.
3 SIGFOX network architecture
SIGFOX is an operated telecommunication Low-Power Wide-Area (LPWA) public
network, dedicated to the Internet of Things. This telecommunication technology has
been created with the sole focus on small messages that are transmitted on the radio
only very few times per day (12 bytes messages uplink up to 140 times per day and 8
bytes messages downlink up to 5 times per day). It is not appropriate for high-bandwidth
applications, such as multimedia and permanent broadcast. The SIGFOX network
operates at sub-GHz frequencies on ISM bands, for example, 868 MHz in Europe/
ETSI and 902 MHz in the US/FCC. This Ultra-Narrow Band (UNB) modulation based
technology has 162 dB budget link, which enables long range communications. These
SIGFOX messages, containing a payload of up to 12 bytes, are transmitted by a radio
transceiver chip into the SIGFOX network, which is then received by a SIGFOX base
station. NXP plays the role of this transceiver chip provider in the SIGFOX ecosystem.
There are four roles in the system:
• Modem manufacturers provide transceiver chips running with a SIGFOX software
protocol stack and identified by a unique id/private key (used for encrypting the radio
messages). These transceivers will be integrated in final modules that are sold to end
customers. The modules must have a network registration containing the following
information:
– ID
– Porting authorization code (PAC), one time use only
– Certificate number given by the product manufacturer (P_xxxx_xxxx_xx)
The trio of key, ID and PAC is provided by SIGFOX to modem manufacturers. These
manufacturers flash this information in nonvolatile memory of their IC during production.
The ID and PAC can be retrieved by the user and thus are sharable entities. However,
the encrypted key should not be shared, visible, or retrievable by anyone. It must
reside inside a protected area of memory where it is only readable by the firmware for
encryption purposes only. It should not be writable by anyone after production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com