Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OL2385SWUG Datasheet(PDF) 42 Page - NXP Semiconductors

Part # OL2385SWUG
Description  SIGFOX software driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385SWUG Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button OL2385SWUG Datasheet HTML 38Page - NXP Semiconductors OL2385SWUG Datasheet HTML 39Page - NXP Semiconductors OL2385SWUG Datasheet HTML 40Page - NXP Semiconductors OL2385SWUG Datasheet HTML 41Page - NXP Semiconductors OL2385SWUG Datasheet HTML 42Page - NXP Semiconductors OL2385SWUG Datasheet HTML 43Page - NXP Semiconductors OL2385SWUG Datasheet HTML 44Page - NXP Semiconductors OL2385SWUG Datasheet HTML 45Page - NXP Semiconductors OL2385SWUG Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
NXP Semiconductors
OL2385SWUG
SIGFOX software driver
OL2385SWUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2.1 — 6 April 2018
42 / 64
NDK crystal is shown in Table 9. A total of 26 signed integer values have to be sent in
order to cover the temperature range of –40 to +85 °C.
Table 9. Crystal Temp vs. Frequency deviation curve
Calibration
values
Temp
[Reference temp. at +25°C]
Crystal 1 Crystal 2 Crystal 3 Average
values
Rounded
values
1
–40
–5.7
–4.4
–9.7
–6.6
–7
2
–35
–1.4
–0.2
–5.2
–2.3
–2
3
–30
2.1
3.2
–1.4
1.3
1
4
–25
4.7
5.8
1.5
4.0
4
5
–20
6.5
7.6
3.7
5.9
6
6
–15
7.6
8.7
5.2
7.2
7
7
–10
8.2
9.3
6.2
7.9
8
8
–5
8.1
9.2
6.4
7.9
8
9
0
7.6
8.6
6.2
7.4
7
10
5
6.7
7.4
5.5
6.5
7
11
10
5.4
6.0
4.5
5.3
5
12
15
3.7
4.2
3.2
3.7
4
13
20
1.9
2.1
1.7
1.9
2
14
25
0.0
0.0
0.0
0.0
0
15
30
–2.3
–2.4
–1.8
–2.1
–2
16
35
–4.3
–4.6
–3.5
–4.1
–4
17
40
–6.4
–6.9
–5.1
–6.1
–6
18
45
–8.2
–8.9
–6.6
–7.9
–8
19
50
–9.9
–10.7
–8.0
–9.5
–9
20
55
–11.1
–12.2
–8.9
–10.7
–11
21
60
–12.1
–13.3
–9.5
–11.6
–12
22
65
–12.3
–13.8
–9.6
–11.9
–12
23
70
–11.9
–13.3
–8.8
–11.3
–11
24
75
–11.1
–12.5
–7.6
–10.4
–10
25
80
–9.3
–10.9
–5.5
–8.6
–9
26
85
–6.7
–8.3
–2.5
–5.9
–6
Such a curve is usually provided by the crystal manufacturer for a set of a few crystals
that differ in absolute values but show the same curve shape. One can build the mean
value over all samples for every temperature (column) and round it to get integer values.
These 26 rounded integer values have to be calculated only once for a specific crystal
type. The same values can be used for every board as long as the crystal type is the
same. For sending the values over SPI, start with the value at –40 °C and end with the
value at +85 °C. Use the hex notation of these signed integer values. The SPI command
number is 23 with a subcommand number as 1. If you would like to read the already
stored values on OL2385, use the SPI command number 23 with 0 as the subcommand



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com