Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OL2385SWUG Datasheet(PDF) 6 Page - NXP Semiconductors

Part # OL2385SWUG
Description  SIGFOX software driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385SWUG Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button OL2385SWUG Datasheet HTML 2Page - NXP Semiconductors OL2385SWUG Datasheet HTML 3Page - NXP Semiconductors OL2385SWUG Datasheet HTML 4Page - NXP Semiconductors OL2385SWUG Datasheet HTML 5Page - NXP Semiconductors OL2385SWUG Datasheet HTML 6Page - NXP Semiconductors OL2385SWUG Datasheet HTML 7Page - NXP Semiconductors OL2385SWUG Datasheet HTML 8Page - NXP Semiconductors OL2385SWUG Datasheet HTML 9Page - NXP Semiconductors OL2385SWUG Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
NXP Semiconductors
OL2385SWUG
SIGFOX software driver
OL2385SWUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2.1 — 6 April 2018
6 / 64
commands coded in the second byte, which is called Command code. An action is taken
by OL2385 as per the designed meaning of such code.
Length (1 byte)
Information frame (I-frame)
Command (1 byte)
Payload (x bytes)
Length (1 byte)
Ack frame
Error code (1 byte)
aaa-027267
OL2385 state (1 byte)
Optional payload
(x bytes)
Figure 5. SPI frame types
The first byte of each frame type indicates the length of the frame to be received,
including itself. A length of 4 means 3 more bytes are going to follow after the first byte.
The payload field in both types of frames is optional. For details of each command, refer
to the SIGFOX SPI Command Interface Description.xls file at:
www.nxp.com/products/software-and-tools/hardware-development-tools/freedom-
development-boards/om2385-sf001-ol2385-wireless-sub-ghz-transceiver-sigfox-
development-kit-with-kl43z:OM2385-SF001?tab=Documentation_Tab
The data bytes between OL2385 and the host do not only just follow the format, they
also follow a particular sequence, depending on the state of the device, as shown in the
message sequence chart in Figure 6.
Data transfer protocol over SPI
Because the frequency of Sigfox messages is very low per day, the OL2385 device
generally remains in power-down SLEEP mode under normal conditions.
1. The device is always awakened by sending the Send wakeup (2 byte, fixed length)
frame from the host master.
2. On receiving such frame, an OL2385 device performs a wake-up reset and moves to
a ready state in 100 milliseconds.
3. The host should wait for the 100 ms wake-up to complete before sending the further
frames. No acknowledgment is sent from OL2385 after wake up.
4. Once the device wakes up, it is ready to receive command frames from the host.
5. An Information frame or I-frame is used to send a command to OL2385.
6. An Ack frame is used to send back a response, if required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com