Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OL2385SWUG Datasheet(PDF) 3 Page - NXP Semiconductors

Part # OL2385SWUG
Description  SIGFOX software driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385SWUG Datasheet(HTML) 3 Page - NXP Semiconductors

  OL2385SWUG Datasheet HTML 1Page - NXP Semiconductors OL2385SWUG Datasheet HTML 2Page - NXP Semiconductors OL2385SWUG Datasheet HTML 3Page - NXP Semiconductors OL2385SWUG Datasheet HTML 4Page - NXP Semiconductors OL2385SWUG Datasheet HTML 5Page - NXP Semiconductors OL2385SWUG Datasheet HTML 6Page - NXP Semiconductors OL2385SWUG Datasheet HTML 7Page - NXP Semiconductors OL2385SWUG Datasheet HTML 8Page - NXP Semiconductors OL2385SWUG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
NXP Semiconductors
OL2385SWUG
SIGFOX software driver
OL2385SWUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2.1 — 6 April 2018
3 / 64
Figure 1. SIGFOX Network Architecture
• Operators operate their SIGFOX networks (base stations and backend system).
• Integrators build end-user systems or modules that will have manufacturer's
transceivers on them with a SIGFOX protocol stack inside.
• End customers buy and use these systems or modules that include SIGFOX
transceivers. each end customer will also have to buy a subscription to SIGFOX
technology from an operator.
4 External/User interfaces to OL2385
4.1 Host MCU interface through SPI
A 5-wire SPI connection is defined between OL2385 board and Host microcontroller
where host is configured to be the Master and always provides the clock. OL2385 is
initiated in Pseudo-Slave mode. The five essential lines required for such interface is
shown in Figure 2.
Reason for extra pin Ack
The host microcontroller can be sometimes faster than the slave device and can send the
data while slave is not yet ready to receive. This might result in communication error due
to nonsynchronization. For example, at slave device few initial clocks could be missed
from the host, because it was not ready to receive. Therefore, each of the frame transfers
between host and OL2385 is completely controlled via a software driven chip select
CS and Ack pins. The protocol and timing diagram makes sure that the handshake is
properly done and none of the bytes are missed, as shown in the following sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com