Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OL2385SWUG Datasheet(PDF) 34 Page - NXP Semiconductors

Part # OL2385SWUG
Description  SIGFOX software driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385SWUG Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button OL2385SWUG Datasheet HTML 30Page - NXP Semiconductors OL2385SWUG Datasheet HTML 31Page - NXP Semiconductors OL2385SWUG Datasheet HTML 32Page - NXP Semiconductors OL2385SWUG Datasheet HTML 33Page - NXP Semiconductors OL2385SWUG Datasheet HTML 34Page - NXP Semiconductors OL2385SWUG Datasheet HTML 35Page - NXP Semiconductors OL2385SWUG Datasheet HTML 36Page - NXP Semiconductors OL2385SWUG Datasheet HTML 37Page - NXP Semiconductors OL2385SWUG Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
NXP Semiconductors
OL2385SWUG
SIGFOX software driver
OL2385SWUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2.1 — 6 April 2018
34 / 64
Figure 22. Registration form on SIGFOX backend
Note: The device ID belongs to the following four regions in which SIGFOX has divided
the world for its service:
• RCZ1 ETSI Europe (863 to 870 MHz)
• RCZ2 FCC US (902 to 928 MHz)
• RCZ3 ARIB Japan, Korea (915 to 930 MHz)
• RCZ4 FCC Latin America, Australia, New Zealand (902 to 915 MHz)
It is possible that the ID-PAC combination you received is valid for a different region. Due
to this, registration might not be successful. However, contacting suport@SIGFOX.com
will provide a solution, because they can change the area of the device operation at the
backend.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com