Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OL2385SWUG Datasheet(PDF) 23 Page - NXP Semiconductors

Part # OL2385SWUG
Description  SIGFOX software driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385SWUG Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button OL2385SWUG Datasheet HTML 19Page - NXP Semiconductors OL2385SWUG Datasheet HTML 20Page - NXP Semiconductors OL2385SWUG Datasheet HTML 21Page - NXP Semiconductors OL2385SWUG Datasheet HTML 22Page - NXP Semiconductors OL2385SWUG Datasheet HTML 23Page - NXP Semiconductors OL2385SWUG Datasheet HTML 24Page - NXP Semiconductors OL2385SWUG Datasheet HTML 25Page - NXP Semiconductors OL2385SWUG Datasheet HTML 26Page - NXP Semiconductors OL2385SWUG Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 64 page
background image
NXP Semiconductors
OL2385SWUG
SIGFOX software driver
OL2385SWUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2.1 — 6 April 2018
23 / 64
Otherwise, this chapter describes the MCU peripheral requirements and the resources
needed to control a SIGFOX device.
6.2.1 Peripheral requirements
Peripherals and resource requirements critical to the MCU's ability to handle a given part
are as follows:
• SPI module is required for communication (MISO, MOSI, SCK, CS)
• GPIO is required for an acknowledge pin (ACK)
• Supply and GND pins to power-on the OL2385
6.2.2 Supported devices
This section identifies the models supported by the driver and describes the capabilities
of each model. The SIGFOX software driver supports the following devices:
OL2385 (Available)
• RF transceiver
• Carrier frequency is 160 MHz to 960 MHz
• ETSI, FCC and Japanese compliant
• 2 antenna inputs
• Independent RF switch (TX/RX or RX/RX)
• Up to +14 dBm output power
• 26 Channel Filter BW Options (4 kHz to 360 kHz)
• Smart polling
• Excellent phase noise
• Ultra-low power in receive mode
OL2361 (Software to be updated on demand)
• RF transmitter
• Carrier frequency is 310 to 915 MHz
• ETSI, FCC and Japanese compliant
• Multichannel fractional-N PLL
• One reference frequency (XTAL) for all bands
• Programmable FSK/ASK/OOK modulation characteristics
• Improved programmable and stabilized output power
• Low power consumption
6.2.3 Supported MCUs
The SIGFOX software driver supports MCUs listed in Table 3. These MCUs are a subset
of the MCUs supported by the MCUXpresso Software Development Kit layer.
This software driver is built on the Analog Middleware Layer (AML), which creates an
API abstraction layer for the desired Software Development Kit (SDK). The current
implementation includes abstractions for MCUXpresso SDK 2.3 and S32 SDK 0.8.4 EAR.
This allows support to be added for additional layers, such as the MCUXpresso SDK,
without having to change the SIGFOX software driver itself.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com