Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OL2385SWUG Datasheet(PDF) 44 Page - NXP Semiconductors

Part # OL2385SWUG
Description  SIGFOX software driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385SWUG Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button OL2385SWUG Datasheet HTML 40Page - NXP Semiconductors OL2385SWUG Datasheet HTML 41Page - NXP Semiconductors OL2385SWUG Datasheet HTML 42Page - NXP Semiconductors OL2385SWUG Datasheet HTML 43Page - NXP Semiconductors OL2385SWUG Datasheet HTML 44Page - NXP Semiconductors OL2385SWUG Datasheet HTML 45Page - NXP Semiconductors OL2385SWUG Datasheet HTML 46Page - NXP Semiconductors OL2385SWUG Datasheet HTML 47Page - NXP Semiconductors OL2385SWUG Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
NXP Semiconductors
OL2385SWUG
SIGFOX software driver
OL2385SWUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2.1 — 6 April 2018
44 / 64
Figure 31. Offset calculation for static frequency calibration
The value of offset has to be calculated by using a continuous wave (SPI command
number b) with a spectrum analyzer. Another method is to use 9 continuous frames on
the same frequency (SPI command sequence 14-0-9) with a spectrum analyzer. There is
also a way of getting this offset value using the SIGFOX SFXIQ tool. This value of offset
is stored in nonvolatile memory of the OL2385. Therefore, the value does not need to be
set again on reset. This command has to be executed again only if the device is flashed
using a 2link box with new firmware.
Follow the following steps for static frequency calibration:
1. Press the reset button on the KL43Z to start from the beginning (optional).
2. Choose Send Wake up: Type
1, and then press Enter. (This step is optional and not
required if there is no device reset).
3. Choose the region Change to RCZXX: Type
15 or 16 or 17 or 18. Press Enter. This
will program the opening center frequencies of each region into the OL2385.
Example of switching to RCZ1:
Type
15, and then press Enter. Type 0 for zero attenuation steps for uplink TX power,
and then press Enter. Type 0 for 55.2 MHz crystal type, and then press Enter. Type
3
for SIGFOX repetition frames, and then press Enter. Type
0 for 14 dBm PA level, and
then press Enter.
4. Choose the Static_frequency_calibration: Type
22, and then press Enter. It will ask for
adding or subtracting the offset. Type
2, and then press Enter. It will ask for an offset
value. Type
0, and then press Enter. This will reset the offset first inside OL2385.
Note: The offset always has to be an absolute value from the desired frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com