Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OL2385SWUG Datasheet(PDF) 5 Page - NXP Semiconductors

Part # OL2385SWUG
Description  SIGFOX software driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385SWUG Datasheet(HTML) 5 Page - NXP Semiconductors

  OL2385SWUG Datasheet HTML 1Page - NXP Semiconductors OL2385SWUG Datasheet HTML 2Page - NXP Semiconductors OL2385SWUG Datasheet HTML 3Page - NXP Semiconductors OL2385SWUG Datasheet HTML 4Page - NXP Semiconductors OL2385SWUG Datasheet HTML 5Page - NXP Semiconductors OL2385SWUG Datasheet HTML 6Page - NXP Semiconductors OL2385SWUG Datasheet HTML 7Page - NXP Semiconductors OL2385SWUG Datasheet HTML 8Page - NXP Semiconductors OL2385SWUG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
NXP Semiconductors
OL2385SWUG
SIGFOX software driver
OL2385SWUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2.1 — 6 April 2018
5 / 64
Figure 3. SPI protocol: Host to OL2385 transfer
1. CS and Ack pins are high after data transfer from host to OL2385.
2. OL2385 drives Ack pin low to signal the host that OL2385 has data to transfer as
response.
3. Host drives CS pin low to signal host is ready to provide clock for such a transfer.
4. Host provides clock and data is written on SDO by OL2385.
5.
Host reads the first byte of data. This is the length byte that describes how
many valid data bytes are to be followed on SDO, including itself. After receiving
all the bytes on MISO, the host waits for the Ack pin to be driven high and OL2385
drives the Ack pin high to signal that data is now completely sent.
6. Host drives CS back to high again to signal data reception is complete from OL2385
to host.
Figure 4. SPI protocol: OL2385 to host transfer
SPI commands
The bytes received or sent over the SPI interface must also follow a predefined format
and order as per the SPI protocol. The bytes sent from host to OL2385 are called as
command frames or information frames. The bytes sent from OL2385 to host are called
as Ack frames. The format follows a similar pattern for both of these types of frames,
as shown in Figure 5. The command frames contain a command from a set of allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com