Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OL2385SWUG Datasheet(PDF) 24 Page - NXP Semiconductors

Part # OL2385SWUG
Description  SIGFOX software driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385SWUG Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button OL2385SWUG Datasheet HTML 20Page - NXP Semiconductors OL2385SWUG Datasheet HTML 21Page - NXP Semiconductors OL2385SWUG Datasheet HTML 22Page - NXP Semiconductors OL2385SWUG Datasheet HTML 23Page - NXP Semiconductors OL2385SWUG Datasheet HTML 24Page - NXP Semiconductors OL2385SWUG Datasheet HTML 25Page - NXP Semiconductors OL2385SWUG Datasheet HTML 26Page - NXP Semiconductors OL2385SWUG Datasheet HTML 27Page - NXP Semiconductors OL2385SWUG Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
NXP Semiconductors
OL2385SWUG
SIGFOX software driver
OL2385SWUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2.1 — 6 April 2018
24 / 64
Table 3. Supported MCUs in SDK
Supported MCUs
SDK
MKL43Z256 (FRDM-KL43Z)
MCUXpresso SDK 2.3
MKL27Z64 (FRDM-KL27Z)
MCUXpresso SDK 2.3
MKL25Z128 (FRDM-KL25Z)
MCUXpresso SDK 2.3
MK64FN1M0 (FRDM-K64F)
MCUXpresso SDK 2.3
See Table 4 for pin compatibility between the SIGFOX freedom board and selected
MCUs.
Table 4. Compatibility of the SIGFOX board with selected MCUs
Pin function
FRDM-KL43Z
FRDM-KL27Z
FRDM-KL25Z
FRDM-K64F
ACK
PTD2
PTA5
PTD5
PTC4
CS
PTD4
PTC4
PTD0
PTD0
MOSI(SDI)
PTD6
PTC6
PTD2
PTD2
MISO(SDO)
PTD7
PTC7
PTD3
PTD3
SCK
PTD5
PTC5
PTD1
PTD1
6.2.4 The SIGFOX software driver
This section provides an overview of the functionality, configuration and usage of the
driver. For additional information, see the API programmer's guide (included in the
SIGFOX software driver zip file) and the comments in the code.
6.2.4.1 Configuring the driver
The configuration structure shown below serves as the user interface for configuring the
driver. Users must add the appropriate values into the structure to reflect the desired
driver setup. The configuration structure is passed directly to the initialization function at
startup.
/*! @brief This structure is used by the user to initialize the SIGFOX device.
* It contains a configuration of the SIGFOX device only (no SPI,
* etc. configuration). */
typedef struct
{
sf_net_standard_t netStandard; /*!< Selection of a standard defining network
communication parameters. */
uint8_t txAttSteps;
/*!< Amount of 0.25 dB steps that needs to be
subtracted from TX power. */
sf_xtal_type_t xtal;
/*!< Selection of XTAL type used in the
device. */
sf_tx_repeat_t txRepeat;
/*!< Amount of transmissions that will happen
on one time invoking of SF_SendPayload
function. */
sf_pa_type_t paType;
/*!< Selection of internal PA type used in
the device. */
} sf_user_config_t;
The user's configuration structure includes the following variables:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com