Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OL2385SWUG Datasheet(PDF) 40 Page - NXP Semiconductors

Part # OL2385SWUG
Description  SIGFOX software driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385SWUG Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button OL2385SWUG Datasheet HTML 36Page - NXP Semiconductors OL2385SWUG Datasheet HTML 37Page - NXP Semiconductors OL2385SWUG Datasheet HTML 38Page - NXP Semiconductors OL2385SWUG Datasheet HTML 39Page - NXP Semiconductors OL2385SWUG Datasheet HTML 40Page - NXP Semiconductors OL2385SWUG Datasheet HTML 41Page - NXP Semiconductors OL2385SWUG Datasheet HTML 42Page - NXP Semiconductors OL2385SWUG Datasheet HTML 43Page - NXP Semiconductors OL2385SWUG Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
NXP Semiconductors
OL2385SWUG
SIGFOX software driver
OL2385SWUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2.1 — 6 April 2018
40 / 64
Config words are used to enable/disable 192 kHz macro channels authorized for transmission.
Each macro channel is separated from another of 300 kHz. At least 9 macro channels must be enabled to ensure the
minimum of 50 FCC channels (9 * 6 = 54). This function should be called each time you open the library, or your FCC
configuration will not be applied.
Example: To enable Macro channel 1 to 9, that is to say 902.2 MHz to 904.8 MHz with 902.2 MHz as the main macro
channel, you must set:
config_words[0] = [0x000001FF]
config_words[1] = [0x00000000]
config_words[2] = [0x00000000]
Figure 28. Sample frequency map for hopping in RCZ2/4
7.2.1.3 Update PA curve
The current firmware supports the update of the output power amplitude curve for ramp-
up and ramp-down functions:
1. Type
25 to select Update PA Curve command, and then press Enter.
2. Type
1 to update ETSI PA curve or type 4 to update FCC PA curve (for RCZ2/4), and
then press Enter.
3. Type the new values and press Enter after each new value. (To keep default value at
the current index, just press Enter without entering a value. 86 values are needed for
FCC table and 200 values are needed for ETSI table. After entering the last values
and pressing Enter, the table will be updated with the new values, as shown in the
following figure)
4. To confirm the update of the PA curve, read the current updated PA curve by typing
25, then press Enter. Type 0 (for ETSI table) or type 3 (for FCC table), then press
Enter. The first 3 bytes of the RX frame contain the frame length, error code and
OL2385 state in order. The next 200 bytes contain the 200 updated PA curve values
for ETSI. In case of FCC, only the next 86 values are valid out of the 200 values
shown (as shown in the following figure)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com