Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OL2385SWUG Datasheet(PDF) 47 Page - NXP Semiconductors

Part # OL2385SWUG
Description  SIGFOX software driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385SWUG Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button OL2385SWUG Datasheet HTML 43Page - NXP Semiconductors OL2385SWUG Datasheet HTML 44Page - NXP Semiconductors OL2385SWUG Datasheet HTML 45Page - NXP Semiconductors OL2385SWUG Datasheet HTML 46Page - NXP Semiconductors OL2385SWUG Datasheet HTML 47Page - NXP Semiconductors OL2385SWUG Datasheet HTML 48Page - NXP Semiconductors OL2385SWUG Datasheet HTML 49Page - NXP Semiconductors OL2385SWUG Datasheet HTML 50Page - NXP Semiconductors OL2385SWUG Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
NXP Semiconductors
OL2385SWUG
SIGFOX software driver
OL2385SWUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2.1 — 6 April 2018
47 / 64
• This command is not necessary for RF evaluation of the board, but can be the root
cause of not seeing the transmission of the frame over the radio, even though there is
no error reported.
7.3 Frequently used RF test cases using SPI commands
Check the Section 5.4.1 "Setting up KL43Z board with terminal program" and Section 7.2
"OL2385 Transceiver Initialization Sequence" before you proceed to start performing the
following tests.
7.3.1 Unmodulated continuous wave
1. Press the reset button on the KL43Z to start from the beginning (optional).
2. Choose Send Wake up: Type
1, and then press Enter. (This step is optional and not
required if there is no device reset).
3. Choose the region "Change to RCZXX": Type
15 or 16 or 17 or 18, and then press
Enter.
4. The next steps will program the opening center frequencies of each region into the
OL2385.
a. Type
0 for zero attenuation steps for uplink TX power, and then press Enter.
b. Type
0 for 55.2 MHz crystal type or type 1 for TCXO, and then press Enter.
c. Type
3 for SIGFOX repetition frames, and then press Enter.
d. Type
0 for 14 dBm PA level, and then press Enter.
5. Choose Continuous wave command: Type
b, and then press Enter. Now type 1, and
then press Enter to start continuous wave. The CW should be on and you can check
this on a spectrum analyzer.
6. If you want to see the continuous wave on a different frequency, choose Continuous
wave command: Type
b, and then press Enter. Now type 0, and then press Enter to
stop the continuous wave first. The CW should be off and you can check this on a
spectrum analyzer.
7. Use the command Set UL Frequency: Type
9 press Enter, type frequency value in Hz
and press Enter. If you do not want to change the frequency, move to the next step.
8. Choose Continuous wave command: Type
b, and then press Enter. Now type 1, and
then press Enter to start continuous wave. The CW should be on and you can check
this on a spectrum analyzer.
Note: If you want to see the CW on a different frequency, stop the CW first. Then change
the frequency to your desired frequency and then start CW again.
7.3.2 Modulated continuous wave
1. Press the reset button on the KL43Z to start from the beginning.
2. Choose Send Wake up: Type
1, and then press Enter.
3. Choose the region "Change to RCZXX". Type
15 or 16 or 17 or 18, and then press
Enter.
4. The next steps will program the opening center frequencies of each region into the
OL2385.
a. Type
0 for zero attenuation steps for uplink TX power, and then press Enter.
b. Type
0 for 55.2 MHz crystal type or type 1 for TCXO, and then press Enter.
c. Type
3 for SIGFOX repetition frames, and then press Enter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com