Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OL2385SWUG Datasheet(PDF) 55 Page - NXP Semiconductors

Part # OL2385SWUG
Description  SIGFOX software driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385SWUG Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button OL2385SWUG Datasheet HTML 51Page - NXP Semiconductors OL2385SWUG Datasheet HTML 52Page - NXP Semiconductors OL2385SWUG Datasheet HTML 53Page - NXP Semiconductors OL2385SWUG Datasheet HTML 54Page - NXP Semiconductors OL2385SWUG Datasheet HTML 55Page - NXP Semiconductors OL2385SWUG Datasheet HTML 56Page - NXP Semiconductors OL2385SWUG Datasheet HTML 57Page - NXP Semiconductors OL2385SWUG Datasheet HTML 58Page - NXP Semiconductors OL2385SWUG Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
NXP Semiconductors
OL2385SWUG
SIGFOX software driver
OL2385SWUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2.1 — 6 April 2018
55 / 64
frequency by a device (in our case we use a signal generator) using 600 bps GFSK
modulation as per SIGFOX specification. In order to perform this test the following tools
are also required:
• Extra FTDI cable to get the serial output at P20 of the OL2385 board. This output
displays if the received frame is a pass or a fail and its measured RSSI value.
• A second terminal program, such as Putty, to connect to the above mentioned FTDI
cable and to display the serial output.
• Vector signal generator with an RF connector cable connected to our device, which will
generate and transmit the downlink test frame, the device will receive.
Figure 39. Signal generator used for receiver test
Once the additional tools above are prepared, the following steps have to be performed
to start the test:
1. Press the reset button on the KL43Z to start from the beginning. (optional)
2. Choose Send Wake up: Type
1, and then press Enter. (This step is optional and not
required if the device has not had a recent reset or it is already awake)
3. Choose the region Change to RCZXX: Type
15 or 16 or 17 or 18, and then press
Enter. This will program the opening center frequencies of each region into the
OL2385.
4. Choose Switch to Public Key, if not testing with a real base station: Type
1a, and then
press Enter.
5. Choose Static frequency calibration (optional, see Section 7.2 "OL2385 Transceiver
Initialization Sequence"):
a. Type
22, and then press Enter
b. Type
1 or 2, and then press Enter
c. Type
frequency offset value, and then press Enter.
6. The receiver will be turned on by activating the test mode 3 in the next steps. In order
to test, send a GFSK frame at a correct frequency. Check the RX center frequency of
your region (see Section 7.3.2 "Modulated continuous wave" for region frequencies)
and enter the value in the Freq field of the signal generator.
7. Fill the required power level on which you would like to transmit your test frames on
the Lev field of the signal generator. This power level will be displayed on the P20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com