Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OL2385SWUG Datasheet(PDF) 56 Page - NXP Semiconductors

Part # OL2385SWUG
Description  SIGFOX software driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385SWUG Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button OL2385SWUG Datasheet HTML 52Page - NXP Semiconductors OL2385SWUG Datasheet HTML 53Page - NXP Semiconductors OL2385SWUG Datasheet HTML 54Page - NXP Semiconductors OL2385SWUG Datasheet HTML 55Page - NXP Semiconductors OL2385SWUG Datasheet HTML 56Page - NXP Semiconductors OL2385SWUG Datasheet HTML 57Page - NXP Semiconductors OL2385SWUG Datasheet HTML 58Page - NXP Semiconductors OL2385SWUG Datasheet HTML 59Page - NXP Semiconductors OL2385SWUG Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
NXP Semiconductors
OL2385SWUG
SIGFOX software driver
OL2385SWUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2.1 — 6 April 2018
56 / 64
serial output of the OL2385 board, as the RSSI level of each received frame. In an
ideal lossless system, displayed RSSI level value will be equal to the set power level
value. However, that is not the case due to losses in the connected RF cable. A
reduced value of the RSSI level on putty terminal is likely.
8. Click on the
config... tab on the Baseband block of the block diagram on the signal
generator. Choose the Custom digital modulation option from the list. This is to create
the 2GFSK settings and required frame data, which is supposed to be transmitted.
9. Set the modulation settings as shown in Figure 41. These settings should
be exactly the same as given for RX demodulation in SIGFOX specification
PRS_UNB_MODEM_RCZX.pdf (location: nxp.com/OM2385).
10.Select data list as the data source and fill the GFSK frame AA AA B2 27 1F 20 41
84 32 68 C5 BA 53 AE 79 E7 F6 DD 9B in the data list as shown in the figure below.
(Check the figures in Section 7.3.5 "LBT testing for RCZ3" for RCZ3 to know more
about data list creation)
11.The settings for sending the frame on the right frequency are done now. Connect an
RF cable from the signal generator to the OL2385.
12.Connect the P20 (marked on the backside of the board or within schematics) on the
OL2385 board with RXD of the FTDI cable as shown in the figure below (usually a
yellow wire). Connect the other end of the USB cable to the PC.
13.Download a terminal program of your choice. This example is the terminal program
Putty.
14.Open the terminal program.
15.Fill the putty settings as per the diagram below (com port number and speed are main
settings). Click on
Open to start the putty program.
16.Choose
Send test mode SPI command: Type 14, and then press Enter; type 3 as
test mode, and then press Enter; type number of frames as test mode config... and
press Enter. This will start the receiver of the device, which waits for the frames to be
received.
17.The device is now listening and waiting for the frames. Click on the check box on the
RF/A Mod block of the block diagram on the signal generator to start RF transmission
of the frame.
18.If all of the above steps were completed correctly, Passed RSSI = –80 dBm or Failed
RSSI = –80 dBm will appear on the putty terminal as shown in Figure 43. This means
the device successfully received the frames. If you do not see anything, the device
is not correctly calibrated for static frequency, is not matched correctly for RX, or the
transmission power level is too low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com