Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OL2385SWUG Datasheet(PDF) 48 Page - NXP Semiconductors

Part # OL2385SWUG
Description  SIGFOX software driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385SWUG Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button OL2385SWUG Datasheet HTML 44Page - NXP Semiconductors OL2385SWUG Datasheet HTML 45Page - NXP Semiconductors OL2385SWUG Datasheet HTML 46Page - NXP Semiconductors OL2385SWUG Datasheet HTML 47Page - NXP Semiconductors OL2385SWUG Datasheet HTML 48Page - NXP Semiconductors OL2385SWUG Datasheet HTML 49Page - NXP Semiconductors OL2385SWUG Datasheet HTML 50Page - NXP Semiconductors OL2385SWUG Datasheet HTML 51Page - NXP Semiconductors OL2385SWUG Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 64 page
background image
NXP Semiconductors
OL2385SWUG
SIGFOX software driver
OL2385SWUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2.1 — 6 April 2018
48 / 64
d. Type
0 for 14 dBm PA level, and then press Enter.
5. If you want to see the continuous modulated wave on a different frequency, use the
command Set UL Frequency: Type
9, and then press Enter, type frequency value
in Hz and press Enter. If you do not want to change the frequency, move to the next
step.
6. Choose PSK_ASK_Zero_Sequence or PSK_ASK_AAAA_Sequence command: Type
1b or 1C, and then press Enter. The modulated CW should be on and you can check
this on a spectrum analyzer. There is no way to turn off the CW except the reset of the
device.
7. If you want to change the frequency now, repeat the steps from the beginning of the
sequence. There is no way to change the frequency on-the-fly.
7.3.3 Sending SIGFOX frames (frequency hopping)
1. Press the reset button on the KL43Z to start from the beginning (optional).
2. Choose Send Wake up: Type
1, and then press Enter. (This step is optional and not
required if there is no device reset)
3. Choose the region "Change to RCZXX": Type
15 or 16 or 17 or 18, and then press
Enter.
4. The next steps will program the opening center frequencies of each region into the
OL2385.
a. Type
0 for zero attenuation steps for uplink TX power, and then press Enter.
b. Type
0 for 55.2 MHz crystal type or type 1 for TCXO, and then press Enter.
c. Type
3 for SIGFOX repetition frames, and then press Enter.
d. Type
0 for 14 dBm PA level, and then press Enter.
5. Choose Switch to Public Key, if not testing with real a base station. Type
1a, and then
press Enter.
6. Choose Static frequency calibration (Optional, see Section 7.2 "OL2385 Transceiver
Initialization Sequence"): Type
22, and then press Enter; Type 1 or 2, and then press
Enter; Type frequency offset value, and then press Enter.
7. Choose Send payload: Type
4, and then press Enter; type a payload length up to 12
bytes, and then press Enter; type payload hex bytes and press Enter.
7.3.4 Sending SIGFOX frames (constant carrier)
1. Press the reset button on the KL43Z to start from the beginning (optional).
2. Choose Send Wake up: Type
1, and then press Enter (This step is optional and not
required if the device has not had a recent reset or it is already awake).
3. Choose the region "Change to RCZXX": Type
15 or 16 or 17 or 18, and then press
Enter.
4. The next steps will program the opening center frequencies of each region into the
OL2385.
a. Type
0 for zero attenuation steps for uplink TX power, and then press Enter.
b. Type
0 for 55.2 MHz crystal type or type 1 for TCXO, and then press Enter.
c. Type
3 for SIGFOX repetition frames, and then press Enter.
d. Type
0 for 14 dBm PA level, and then press Enter.
5. Choose Switch to Public Key, if not testing with a real base station. Type
1a, and then
press Enter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com