Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OL2385SWUG Datasheet(PDF) 38 Page - NXP Semiconductors

Part # OL2385SWUG
Description  SIGFOX software driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385SWUG Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button OL2385SWUG Datasheet HTML 34Page - NXP Semiconductors OL2385SWUG Datasheet HTML 35Page - NXP Semiconductors OL2385SWUG Datasheet HTML 36Page - NXP Semiconductors OL2385SWUG Datasheet HTML 37Page - NXP Semiconductors OL2385SWUG Datasheet HTML 38Page - NXP Semiconductors OL2385SWUG Datasheet HTML 39Page - NXP Semiconductors OL2385SWUG Datasheet HTML 40Page - NXP Semiconductors OL2385SWUG Datasheet HTML 41Page - NXP Semiconductors OL2385SWUG Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
NXP Semiconductors
OL2385SWUG
SIGFOX software driver
OL2385SWUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2.1 — 6 April 2018
38 / 64
Figure 27. Wakeup from sleep SPI command
7.2.1.2 Choosing the right region
The next command has to be about setting the region "Change to RCZXX". This
command is needed one time only after reset until the next reset. SIGFOX has divided
the world for its service into four regions:
• RCZ1 ETSI Europe (863 to 870 MHz)
• RCZ2 FCC US (902 to 928 MHz)
• RCZ3 ARIB Japan, Korea (915 to 930 MHz)
• RCZ4 FCC Latin America, Australia, New Zealand (902 to 915 MHz)
These regions decide the uplink-downlink frequency and the data rate. The choice of the
region also decides the hardware used for the device. RCZ2/4 devices have an external
PA on themselves whereas an RCZ3 device has an external TCXO(27.6MHz) used
instead of 55.2 MHz normal crystal. Therefore, software will only function properly, if the
right region is chosen according to correct hardware. Therefore, "Change to RCZXX"
should be the next command.
Note: By default, device wakes up in RCZ1 mode
Table 8. Regional center frequencies
By default, device wakes up in RCZ1 mode
Region
Opening Uplink center frequency (MHz)
Opening Downlink center
frequency (MHz)
Bandwidth (kHz)
RCZ1
868.13
869.525
192 (±96)
RCZ2
902.2
905.2
192 (±96)
RCZ3
923.2
922.2
36 (±18) evolution to 192 (± 96)
Opening UL center freq.
TX freq. used in SFXIQ testing
RCZ4
902.2
920.8
922.3
192 (±96)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com