Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OL2385SWUG Datasheet(PDF) 4 Page - NXP Semiconductors

Part # OL2385SWUG
Description  SIGFOX software driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385SWUG Datasheet(HTML) 4 Page - NXP Semiconductors

  OL2385SWUG Datasheet HTML 1Page - NXP Semiconductors OL2385SWUG Datasheet HTML 2Page - NXP Semiconductors OL2385SWUG Datasheet HTML 3Page - NXP Semiconductors OL2385SWUG Datasheet HTML 4Page - NXP Semiconductors OL2385SWUG Datasheet HTML 5Page - NXP Semiconductors OL2385SWUG Datasheet HTML 6Page - NXP Semiconductors OL2385SWUG Datasheet HTML 7Page - NXP Semiconductors OL2385SWUG Datasheet HTML 8Page - NXP Semiconductors OL2385SWUG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
NXP Semiconductors
OL2385SWUG
SIGFOX software driver
OL2385SWUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2.1 — 6 April 2018
4 / 64
Figure 2. 5 wire SPI diagram
A messaging protocol has been defined for SPI interface between OL2385 and host
microcontroller. The protocol governs the states of each of the five SPI interface pins,
as shown in Figure 3.
It is very important to note here that Host is the master and
always the initiator of the communication, which means that there cannot be an
independent transfer of bytes from OL2385 to host. The communication will take
place always by transfer of bytes from host to OL2385, and if a response is required
back only then data transfer will take place from OL2385 to host. The cases in which
such a response is desired is explained in further in Section 6.2.4.4 "SPI command
descriptions". The sequence of pin driving should take place strictly in the following
manner:
Note: By default, after a reset, OL2385 goes to low-power mode with CS pin
configured as wakeup pin. Before proceeding to the low-power mode, OL2385
configures all its pins to pulled-down configuration, except for CS and Ack pins
of SPI. CS and Ack pins are pulled high. For the low-power mode to work properly
without any current leakage, it is important to have the same settings of the pins
on MCU side. All pins on MCU should be pulled low and only CS and Ack should
be high.
1. Initially, the CS and Ack pins should be driven high on the MCU side. OL2385 as a
slave waits for the CS pin to be driven low by the host to start communication.
2. Host drives CS pin low to signal data transfer.
3. OL2385 drives Ack pin low to signal that it is ready for clocking and data transfer.
4. Host provides clock and writes data on MOSI
5.
OL2385 reads the first byte of data. This is the length byte that describes how
many valid data bytes are to be followed on SDI, including itself. After receiving
all the bytes, OL2385 drives the Ack pin high to signal data is received successfully.
6. Host drives CS back to high again to signal data transfer from host to OL2385 is
complete.
The data is now decoded at OL2385 and processed according to its meaning. If a
response is required to be submitted back to host after processing, the following
sequence should then be initiated from step number 7:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com