Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OL2385SWUG Datasheet(PDF) 32 Page - NXP Semiconductors

Part # OL2385SWUG
Description  SIGFOX software driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385SWUG Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button OL2385SWUG Datasheet HTML 28Page - NXP Semiconductors OL2385SWUG Datasheet HTML 29Page - NXP Semiconductors OL2385SWUG Datasheet HTML 30Page - NXP Semiconductors OL2385SWUG Datasheet HTML 31Page - NXP Semiconductors OL2385SWUG Datasheet HTML 32Page - NXP Semiconductors OL2385SWUG Datasheet HTML 33Page - NXP Semiconductors OL2385SWUG Datasheet HTML 34Page - NXP Semiconductors OL2385SWUG Datasheet HTML 35Page - NXP Semiconductors OL2385SWUG Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
NXP Semiconductors
OL2385SWUG
SIGFOX software driver
OL2385SWUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2.1 — 6 April 2018
32 / 64
When the SIGFOX software driver is configured properly, the user can take advantage
of all of the prepared functions to construct the application. See the API Programmer's
Guide, included in the SIGFOX software driver zip file, for function signatures and
required parameters. Also, review the sf/sf.h header file, which contains prototypes for all
available functions.
For more complex driver use cases, refer to the included example projects.
6.2.5.9 Compiling, downloading and debugging
To compile a project, click the compile icon in the toolbar.
The process for downloading an application onto an MCU board in Kinetis Design Studio
differs according to the type of board. For more information, see the Kinetis Design
Studio V3.2.0-User's Guide. To download and debug on the KL43Z MCU board, do the
following:
1. Click the arrow next to the debug icon in the toolbar and select
Debug
Configurations…
2. In the
Debug Configurations dialog box, click KL43_SDK_Project_Debug_PNE
under
GDB PEMicro Interface Debugging.
3. Click the
Debugger tab and set the Interface option to OpenSDA Embedded Debug –
USB Port. Then click the
Refresh button next to the Port setting to update the list of
available USB ports.
4. Then make sure that the Target is set to KL43Z256M4. If not, click on the
Select
Device button. In the Select Target Device dialog box go to NXP → KL4x →
KL43Z256M4. Confirm the selection by clicking the Select button.
5. Click
Debug. Kinetis Design Studio will download and launch the program on board.
7 Testing the SIGFOX application
7.1 Testing on SIGFOX Base Station
SIGFOX backend can be used for a basic functionality check of the SIGFOX module.
This includes reception of a SIGFOX message and display of its payload along with
repetition number. The base station can be leased from SIGFOX or generally is deployed
by SIGFOX in your city. Visit www.SIGFOX.com/en/coverage to check coverage in your
city. The base station is connected to the cloud by the internet; and it can receive a
SIGFOX message sent by an OL2385 board and display it on a web browser.
7.1.1 Registering SIGFOX device on network
1. Take a note of the Device ID and PAC of the device. If the device is preflashed, these
numbers are already flashed inside. If you have SPI based firmware on OL2385
(check the section Section 5.4.1 "Setting up KL43Z board with terminal program"),
you can get the Device ID and PAC using the SPI command Get info. For UART
based firmware, send the command AT$ID? via an FTDI cable. If the device is not
preflashed, contact NXP customer support.
2. Activate your device by registering it on backend.SIGFOX.com/activate.
3. Choose your kit provider from the list as shown in the figure below.
4. Fill in the subscription information as shown below and click Subscribe.
5. Check your email for a message regarding your account.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com