Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OL2385SWUG Datasheet(PDF) 49 Page - NXP Semiconductors

Part # OL2385SWUG
Description  SIGFOX software driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385SWUG Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button OL2385SWUG Datasheet HTML 45Page - NXP Semiconductors OL2385SWUG Datasheet HTML 46Page - NXP Semiconductors OL2385SWUG Datasheet HTML 47Page - NXP Semiconductors OL2385SWUG Datasheet HTML 48Page - NXP Semiconductors OL2385SWUG Datasheet HTML 49Page - NXP Semiconductors OL2385SWUG Datasheet HTML 50Page - NXP Semiconductors OL2385SWUG Datasheet HTML 51Page - NXP Semiconductors OL2385SWUG Datasheet HTML 52Page - NXP Semiconductors OL2385SWUG Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
NXP Semiconductors
OL2385SWUG
SIGFOX software driver
OL2385SWUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2.1 — 6 April 2018
49 / 64
6. Choose Static frequency calibration (Optional, see the section Controlling OL2385
using terminal program): Type
22, and then press Enter; Type 1 or 2, and then press
Enter; Type
frequency offset value, and then press Enter.
7. Choose Send test mode: Type
14, and then press Enter; type 0 as test mode, and
then press Enter; type number of frames as test mode config and press Enter. Check
the section Testing for P1 SIGFOX certification (SFXIQ tool) for details about test
modes.
7.3.5 LBT testing for RCZ3
This functionality is only tested for ARIB standard in RCZ3 devices for the Listen Before
Talk feature. It means that the device should listen to the 200 kHz SIGFOX band during
a sliding window set before starting to send a SIGFOX frame on radio. If the channel is
clear (below a certain threshold of signal level, typically –80 dbm) during the continuous
minimum carrier sense time (cs_min = 5 ms), the frame can be sent. Otherwise, it
continues to listen to the channel until the expiration of the carrier sense maximum
window timer. If the timer has expired, the device can retry to send the frame until the
maximum number of attempts has been reached. With that being said, it is important to
note that each SIGFOX send payload command actually sends the same payload on
three different frames on three different frequencies. These frames are called frame 1,
frame 2 and frame 3. The first frame is attempted first to be successfully sent. If the first
frame itself fails the transmission after trying the maximum number of times, frame 2
and frame 3 are not sent. Otherwise, frame 2 and frame 3 are sent with the same carrier
sensing procedure. The only difference is the carrier sensing maximum window timer
runs for both frame 2 and 3 together instead of individually.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com