Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OL2385SWUG Datasheet(PDF) 35 Page - NXP Semiconductors

Part # OL2385SWUG
Description  SIGFOX software driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385SWUG Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button OL2385SWUG Datasheet HTML 31Page - NXP Semiconductors OL2385SWUG Datasheet HTML 32Page - NXP Semiconductors OL2385SWUG Datasheet HTML 33Page - NXP Semiconductors OL2385SWUG Datasheet HTML 34Page - NXP Semiconductors OL2385SWUG Datasheet HTML 35Page - NXP Semiconductors OL2385SWUG Datasheet HTML 36Page - NXP Semiconductors OL2385SWUG Datasheet HTML 37Page - NXP Semiconductors OL2385SWUG Datasheet HTML 38Page - NXP Semiconductors OL2385SWUG Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
NXP Semiconductors
OL2385SWUG
SIGFOX software driver
OL2385SWUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2.1 — 6 April 2018
35 / 64
Figure 23. Logging into your SIGFOX account
7.1.2 Verifying the successful transmission
After registering the device at the backend, the device can now transmit a SIGFOX
message that can be viewed on a browser.
Note: If you are not using your own leased base station from SIGFOX, you will not be
able to see the BASE STATION tab on the portal, which you can see in these sample
figures. In that case, you can only see the rest of the tabs.
1. Log into your SIGFOX account by visiting: backend.SIGFOX.com/auth/login.
2. Click on the
DEVICE tab to see all of your registered devices, as shown in Figure 24.
3. Click on the device ID of the device for which you would like to verify transmission.
4. Make sure you have the right firmware on the device. Check Section 6.1 and
Section 5.4.2 in case you have to update the device firmware.
5. Prepare the hardware connections of your device as per Section 5.4.1.2 "Connecting
the hardware for use with the SIGFOX network". Power-on your device.
6. Depending on the choice of firmware, send a SIGFOX message on radio by
performing any of the following actions
a. Send SPI command
Send payload. See Section 5.4.1 "Setting up KL43Z
board with terminal program" for sending SPI commands. If the hardware is
freshly powered on or reset, send the sequence: 1 (Send wakeup), 15/16/17/18
(Change_To_RCZX depending on the region), 4 (Send payload)
b. Or do a button press (If button press based firmware on device)
c. Or send an AT command via terminal on PC to send a SIGFOX frame (If UART
based firmware on device)
7. Click on the
Messages tab on the portal as shown in Figure 25.
8. Depending on the contract you have for your device with SIGFOX, you are able to see
certain fields for each message. This is dependent on the amount of access rights you
have for your device. For more details, contact support@SIGFOX.com. A minimum
of following fields should at least be visible: Time, Data / Decoding, Location, Link
quality, Callbacks. An example of extended fields with higher access is shown in the
figure below.
9. Similarly, the messages can be sent by the device and checked here at the portal any
number of times. Generally speaking, one can see the device message appears on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com