Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OL2385SWUG Datasheet(PDF) 25 Page - NXP Semiconductors

Part # OL2385SWUG
Description  SIGFOX software driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385SWUG Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button OL2385SWUG Datasheet HTML 21Page - NXP Semiconductors OL2385SWUG Datasheet HTML 22Page - NXP Semiconductors OL2385SWUG Datasheet HTML 23Page - NXP Semiconductors OL2385SWUG Datasheet HTML 24Page - NXP Semiconductors OL2385SWUG Datasheet HTML 25Page - NXP Semiconductors OL2385SWUG Datasheet HTML 26Page - NXP Semiconductors OL2385SWUG Datasheet HTML 27Page - NXP Semiconductors OL2385SWUG Datasheet HTML 28Page - NXP Semiconductors OL2385SWUG Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
NXP Semiconductors
OL2385SWUG
SIGFOX software driver
OL2385SWUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2.1 — 6 April 2018
25 / 64
• netStandard selects a standard for defining network communication parameters
• txAttSteps contains number of 0.25 dB steps that needs to be subtracted from the TX
power
• xtal selects between usage of 55.2 MHz and 27.6 MHz TCXO XTAL
• paType selects between internal PA being used: 14 dBm or 0 dBm
• txRepeat selects number of transmissions that will happen when invoking
SF_SendPayload function (1TX or 3TX).
For a more detailed description of the user configuration structure, refer to the API
programmer's guide included in the SIGFOX software driver zip file.
6.2.4.2 Driver API
This software driver provides an API that allows user application code to configure the
device in real time. For a summary of the available functions, see Table 4.
Table 5. SIGFOX software driver API
Function
Description
SF_Init
Initializes the SIGFOX driver based on user configuration
SF_GetDefaultConfig
Loads the user configuration structure with default values
SF_SendCommand
Sends a command to the device. This function waits for an acknowledgment (if any)
SF_WakeUp
Sends the
Send_Wakeup command to wake up the device from power down mode
SF_Sleep
Puts the device in power off mode by means of the
Send_To_Sleep command
SF_SetUlFrequency
Sets the uplink frequency of the SIGFOX device
SF_GetUlFrequency
Gets the uplink frequency of the SIGFOX device
SF_SendPayload
Sends the
Send_Payload command to the device, which sends user data to SIGFOX network
SF_SendBit
Sends the
Send_Bit command, which transmits a single bit to the SIGFOX network. This is the
shortest frame that the SIGFOX library can generate. This command is useful for network testing.
SF_SendOutOfBand
Sends the
Send_out_of_band frame, which transmits data to the SIGFOX network. Data is
composed of information about the chip itself (voltage, temperature). This function must either
be called at least once every 24 hours or never, depending on whether an application has some
energy critical constraints.
SF_ReceiveMessage
Receives a frame from SIGFOX network using the
Receive_Frame command. Available for the
OL2385 device only
SF_TriggerWatchdog
Resets the SIGFOX device watchdog using the
Trigger_Watchdog command.
SF_GetDeviceInfo
Reads Device ID, PAC, SIGFOX library version and device version using the
Get_info and
Get_Device_Version commands
SF_GetState
Returns the current state of the SIGFOX device in the software state machine. The state is
updated every time an ACK SPI frame is received.
SF_GetErrorCode
Returns an error code received in a SPI frame from the SIGFOX device. The error code is updated
every time an ACK SPI frame is received.
SF_TestSpiCon
Tests if the SPI bus is working by using the
Echo command to send data (see SF_ECHO_DATA
macro) and then checking if the device replies with the inverted payload
SF_TestDevice
Executes a test of uplink and downlink connectivity using the
Send_Test_Mode command. The
returned status indicates the success or failure of the test. The user can obtain details using the
SF_Get_Error_Code function.
SF_GenerateContWave
Sends the
Continuous_Wave command to generate a continuous transmission at the last set
frequency. The signal can be then analyzed using a spectrum analyzer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com