Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6952 Datasheet(PDF) 32 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 32 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 28Page - Analog Devices LTC6952 Datasheet HTML 29Page - Analog Devices LTC6952 Datasheet HTML 30Page - Analog Devices LTC6952 Datasheet HTML 31Page - Analog Devices LTC6952 Datasheet HTML 32Page - Analog Devices LTC6952 Datasheet HTML 33Page - Analog Devices LTC6952 Datasheet HTML 34Page - Analog Devices LTC6952 Datasheet HTML 35Page - Analog Devices LTC6952 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 80 page
background image
LTC6952
32
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
OPERATION
Multiple Byte Transfers
More efficient data transfer of multiple bytes is accom-
plished by using the LTC6952’s register address auto-
increment feature as shown in Figure 21. The serial port
master sends the destination register address in the first
byte and its data in the second byte as before, but continues
sending bytes destined for subsequent registers. Byte 1’s
address is ADDRX+1, Byte 2’s address is ADDRX+2, and
so on. If the register address pointer attempts to increment
past 56 (h38), it is automatically reset to 0.
An example of an auto-increment read from the part is
shown in Figure 22. The first byte of the burst sent from
the serial bus master on SDI contains the destination
register address (ADDRX) and an LSB of “1” indicating a
read. Once the LTC6952 detects a read burst, it takes SDO
out of the Hi-Z condition and sends data bytes sequentially,
beginning with data from register ADDRX. The part ignores
all other data on SDI until the end of the burst.
ADDRX + Wr
Hi-Z
MASTER–CS
MASTER–SDI
LTC6952 –SDO
BYTE X
ADDRY + Wr
BYTE Y
6952 F20
ADDRX + Wr
Hi-Z
MASTER–CS
MASTER–SDI
LTC6952–SDO
BYTE X
BYTE X + 1
BYTE X + 2
6952 F21
ADDRX + Rd
DON’T CARE
Hi-Z
Hi-Z
MASTER–CS
MASTER–SDI
LTC6952–SDO
6952 F22
BYTE X
BYTE X + 1
BYTE X + 2
Figure 20. Serial Port Single Byte Writes
Figure 21. Serial Port Auto-Increment Write
Figure 22. Serial Port Auto-Increment Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com